Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3309L Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3309L
Description  2.7V-5.5V Input, 24V Output, fs-Programmable, White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3309L Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3309L Datasheet HTML 1Page - Monolithic Power Systems MP3309L Datasheet HTML 2Page - Monolithic Power Systems MP3309L Datasheet HTML 3Page - Monolithic Power Systems MP3309L Datasheet HTML 4Page - Monolithic Power Systems MP3309L Datasheet HTML 5Page - Monolithic Power Systems MP3309L Datasheet HTML 6Page - Monolithic Power Systems MP3309L Datasheet HTML 7Page - Monolithic Power Systems MP3309L Datasheet HTML 8Page - Monolithic Power Systems MP3309L Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP3309L―2.7V-5.5V INPUT, 24V OUTPUT, fs-PROGRAMMABLE, WHITE LED DRIVER
MP3309L Rev. 1.01
www.MonolithicPower.com
4
7/18/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN =3.6V, VEN = VIN, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
STEP-UP CONVERTER
Operating Input Voltage
VIN
2.7
5.5
V
Supply Current (Quiescent)
IQ
VIN=3.6V, VEN= VIN, no
load with switching
420
μA
Supply Current (Shutdown)
IST
VEN=0V, VIN=3.6V
1
μA
EN Bit=0, VIN=3.6V
68
μA
Input UVLO Threshold
VIN_UVLO
Rising Edge
2.5
V
Input UVLO Hysteresis
200
mV
EN High Voltage
VEN_HIGH
VEN Rising
1.2
V
EN Low Voltage
VEN_LOW
VEN Falling
0.4
V
Switching Frequency
fSW
ROSC= 200kΩ
540
640
740
kHz
Maximum Duty Cycle
DMAX
Sync Mode, 600kHz
89
93
%
Non-sync Mode,
600kHz
90
95
Feedback Regulation Voltage
VREF
198
200
202
mV
VREF Ramp-Up Time
tSTEP
320
μs
POWER SWITCH
Main Switch On-Resistance
RDSON_M
VIN=3.6V
0.3
0.5
Ω
Sync Switch On-Resistance
RDSON_S
VIN=3.6V
0.5
0.8
Ω
CURRENT DIMMING
PWMH Input Low Threshold
VPWM_LO
VPWM Falling
0.4
V
PWMH Input High Threshold
VPWM_HI
VPWM Rising
1.2
V
PWML Shutdown Time
tSD
EN/PWML High to Low
20
ms
PROTECTION
OVP Voltage
VOVP
OVP
22.5
24
25.5
V
Hysteresis
2
V
Cycle-Cycle Current Limit
ILIM
1.1
1.6
A
Startup Current Limit
ILIM_START
Max Duty Cycle
0.85
A
Time Step for Half Current Limit
TLIM_HALF
5
ms
OVP UVLO Threshold
VOVP_UV
1.24
V
Thermal Shutdown Threshold
tST
150
°C
Thermal Shutdown Hysteresis
25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com