Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3309L Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3309L
Description  2.7V-5.5V Input, 24V Output, fs-Programmable, White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3309L Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3309L Datasheet HTML 4Page - Monolithic Power Systems MP3309L Datasheet HTML 5Page - Monolithic Power Systems MP3309L Datasheet HTML 6Page - Monolithic Power Systems MP3309L Datasheet HTML 7Page - Monolithic Power Systems MP3309L Datasheet HTML 8Page - Monolithic Power Systems MP3309L Datasheet HTML 9Page - Monolithic Power Systems MP3309L Datasheet HTML 10Page - Monolithic Power Systems MP3309L Datasheet HTML 11Page - Monolithic Power Systems MP3309L Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
MP3309L―2.7V-5.5V INPUT, 24V OUTPUT, fs-PROGRAMMABLE, WHITE LED DRIVER
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
MP3309L Rev. 1.01
www.MonolithicPower.com
12
7/18/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN-10 (1.4mmX1.8mm)
SIDE VIEW
TOP VIEW
1
7
6
2
BOTTOM VIEW
1.30
1.50
1.70
1.90
0.40
BSC
0.80
1.00
0.00
0.05
0.20 REF
PIN 1 ID
MARKING
RECOMMENDED LAND PATTERN
1.30
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT INCLUDE MOLD FLASH.
3) LEAD COPLANARITY SHALL BE0.10 MILLIMETER MAX.
4) JEDEC REFERENCE IS MO-220.
5) DRAWING IS NOT TO SCALE.
PIN 1 ID
0.10x45?TYP.
0.80
0.15
0.25
PIN 1 ID
INDEX AREA
3
5
810
0.35
0.45
0.45
0.55
0.70
1.70
0.40
0.20
0.70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com