Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3309L Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP3309L
Description  2.7V-5.5V Input, 24V Output, fs-Programmable, White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3309L Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP3309L Datasheet HTML 4Page - Monolithic Power Systems MP3309L Datasheet HTML 5Page - Monolithic Power Systems MP3309L Datasheet HTML 6Page - Monolithic Power Systems MP3309L Datasheet HTML 7Page - Monolithic Power Systems MP3309L Datasheet HTML 8Page - Monolithic Power Systems MP3309L Datasheet HTML 9Page - Monolithic Power Systems MP3309L Datasheet HTML 10Page - Monolithic Power Systems MP3309L Datasheet HTML 11Page - Monolithic Power Systems MP3309L Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MP3309L―2.7V-5.5V INPUT, 24V OUTPUT, fs-PROGRAMMABLE, WHITE LED DRIVER
MP3309L Rev. 1.01
www.MonolithicPower.com
8
7/18/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MP3309L uses peak-current-mode control
to regulate the current through the WLED string.
At the start of each oscillator cycle, the control
circuit turns on the low-side MOSFET (LS-FET,
M1). A stabilizing ramp added to the output of
the current-sense amplifier, which then feeds
into the positive input of the PWM comparator,
prevents sub-harmonic oscillations at duty
cycles greater than 50%. When the input to the
PWM comparator equals the output voltage of
the error amplifier. M1 turns off. Then the
inductor current flows through the synchronous
power MOSFET, which forces the inductor
current to decrease.
The voltage at the output of the error amplifier
is the amplified difference between the 200mV
reference voltage and the feedback voltage. If
the feedback voltage starts to drop, the output
of the error amplifier increases, increasing the
current flowing through the M1, thus increasing
the power to the inductor and output power.
This method accurately regulates the LED
current.
System Startup
When enabled, The MP3309L checks safety
limits, including UVLO and over-temperature
protection (OTP), over-current protection. If all
the protection tests pass, the chip then starts
boosting the step-up converter with an internal
soft-start. During the soft-start, the current limit
drops to 0.85A during startup to prevent a large
inrush current. This low-current-limit time lasts
for 5ms after the IC is enabled.
Dimming Control
The MP3309L provides two dimming methods:
PWM and analog dimming mode.
For PWM dimming, apply a PWM signal to the
EN/PWML pin. The LED current is then
segmented as per the PWM signal and the
average LED current equals:
dim
set
D
I
Where Ddim is the PWM duty cycle, and Iset is
the LED current amplitude. When PWM signal
is high, the converter operates in normal mode.
Conversely, when the PWM amplitude is low,
the converter stops switching. Make sure that
the PWM-signal low-level time is less than
20ms or the IC will shutdown. Use a 100Hz-to-
2kHz
PWM-dimming
frequency
for
most
dimming ratio requests.
For analog dimming, connect the PWM
dimming signal on PWMH pin, an internal RC
filter filters the PWM signal. The LED current
amplitude equals Iset×Ddim, where Ddim is the
PWM duty cycle and Iset is the LED current
amplitude. Use a >20kHz PWM signal to
improve filtering performance.
Open-String Protection
The MP3309L monitors the VOUT pin for open-
string protection. If the LED string is open, the
feedback voltage is lower than the reference
voltage. The COMP then rises and charges the
output capacitor until the VOUT voltage
reaches the protection point, VOVP.
The IC stops switching when VOUT reaches the
OVP threshold, the IC resumes function when
VOUT drops below the threshold.
Input Under-Voltage Protection
When VIN exceeds 2.5V, the converter starts to
charge the internal reference and provides
power to the internal control circuitry. There is
UVLO hysteresis, approximately 200mV, as
VIN falls. The IC shuts down when the input
voltage drops below 2.3V.
Thermal-Shutdown Protection
Thermal shutdown prevents the IC from
operating at exceedingly high temperatures.
When the die temperature exceeds the upper
threshold (TST), the IC shutdowns and resumes
normal operation when the die temperature
drops below lower threshold. Typically, the
hysteresis is 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com