Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3309L Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP3309L
Description  2.7V-5.5V Input, 24V Output, fs-Programmable, White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3309L Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP3309L Datasheet HTML 4Page - Monolithic Power Systems MP3309L Datasheet HTML 5Page - Monolithic Power Systems MP3309L Datasheet HTML 6Page - Monolithic Power Systems MP3309L Datasheet HTML 7Page - Monolithic Power Systems MP3309L Datasheet HTML 8Page - Monolithic Power Systems MP3309L Datasheet HTML 9Page - Monolithic Power Systems MP3309L Datasheet HTML 10Page - Monolithic Power Systems MP3309L Datasheet HTML 11Page - Monolithic Power Systems MP3309L Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MP3309L―2.7V-5.5V INPUT, 24V OUTPUT, fs-PROGRAMMABLE, WHITE LED DRIVER
MP3309L Rev. 1.01
www.MonolithicPower.com
9
7/18/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATIO
Selecting the Switching Frequency
The switching frequency of the step-up
converter can be programmed from 300kHz to
1.2MHz. A resistor on the OSC pin sets the
internal oscillator frequency for the step-up
converter as per the equation below:
SW
OSC
120000
f(kHz)
R(k )
For instance, if ROSC=200kΩ, the switching
frequency is to 600kHz.
Setting the LED Current
Set the LED current through the current-setting
resistor on the FB pin.
REF
LED
FB
V(V)
I(mA)
1000
R( )

For instance, if VREF=200mV, and RFB=10Ω, the
LED current is 20mA. Do not leave the FB pin
floating.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. The input capacitor
impedance at the switching frequency should
be less than the input source impedance to
prevent the high-frequency switching current
from passing through to the input. Use ceramic
capacitors with X5R or X7R dielectrics for their
low ESR and small temperature coefficients.
For most applications, use a 2.2µF-to-10μF
ceramic capacitor.
Selecting the Inductor
The MP3309L requires an inductor to boost its
output voltage. A larger value inductor results in
less ripple current, lowering both the peak-
inductor current and the stress on the internal
N-channel MOSFET. However, the larger
inductor is physically larger, has a higher series
resistance, and a lower saturation current.
Choose an inductor that does not saturate
under the worst-case load conditions. Select
the minimum inductor value to ensure that the
boost converter works in continuous-conduction
mode with high efficiency and good EMI
performance.
Calculate the required inductance value using
the equation:
2
OUT
SW
LOAD
η V
D (1D)
L
2
f
I

 

IN
OUT
V
D1
V

Where VIN and VOUT are the input and output
voltages, fSW is the switching frequency, ILOAD is
the LED load current, and η is the efficiency.
The switching current for peak-current mode.
To avoid hitting the current limit, the worst-case
inductor peak current should be less than 80%
of the current limit, ILIM.
Selecting the Output Capacitor
The output capacitor keeps the output voltage
ripple small and ensures feedback loop stability.
The output capacitor impedance must be low at
the switching frequency. Ceramic capacitors
with X7R dielectrics are recommended for their
low ESR characteristics. Selection must also
account for the capacitance’s dependence on
the voltage rating; with a DC bias voltage, the
capacitor can lose as much as 50% of its
capacitance at its rated voltage rating. Leave a
sufficient voltage rating margin when select the
component.
Too-low or too-high capacitance will cause loop
instability. For most applications, select a
capacitor in the range of 0.1µF to 1μF.
Layout Considerations
Careful attention must be paid to the PCB
board layout and components placement.
Proper layout of the high frequency switching
path is critical to prevent noise and limit
electromagnetic
interference.
The
loop
consisting of MP3309L’s internal low-side
MOSFET, synchronous MOSFET, and output
capacitor contains a high-frequency ripple
current—minimize this loop. Place the input and
output capacitor should as to the IC as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com