Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3309L Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3309L
Description  2.7V-5.5V Input, 24V Output, fs-Programmable, White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3309L Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3309L Datasheet HTML 1Page - Monolithic Power Systems MP3309L Datasheet HTML 2Page - Monolithic Power Systems MP3309L Datasheet HTML 3Page - Monolithic Power Systems MP3309L Datasheet HTML 4Page - Monolithic Power Systems MP3309L Datasheet HTML 5Page - Monolithic Power Systems MP3309L Datasheet HTML 6Page - Monolithic Power Systems MP3309L Datasheet HTML 7Page - Monolithic Power Systems MP3309L Datasheet HTML 8Page - Monolithic Power Systems MP3309L Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP3309L
2.7V-5.5V Input, 24V Output,
fs-Programmable, White LED Driver
MP3309L Rev. 1.01
www.MonolithicPower.com
1
7/18/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3309L is a WLED step-up converter for
2.7V-to-5.5V input that uses peak-current mode
to regulate the LED current sensed through an
external,
low-side
resistor.
The
200mV
feedback voltage and synchronous rectification
reduces power loss and reduces PCB space
requirements.
The
MP3309L
features
a
programmable
switching frequency to optimize efficiency. It
supports both analog and PWM dimming.
In addition, the MP3309L has LED open
protection,
cycle-by-cycle
current
limit
protection, thermal shutdown protection.
FEATURES
 2.7V-to-5.5V Input Voltage
 Analog and PWM Dimming
 Programmable Switching Frequency
 24V Open-Load Protection
 Low 200mV Feedback Voltage with ±1%
Accuracy at Room Temperature
 UVLO, Thermal Shutdown
 Available in a 1.4×1.8mm FCQFN10
Package
APPLICATIONS
 Feature Phones and Smart Phones
 Tablets
 <10inch Video Displays
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance. “MPS”
and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
C1
SW
MP3309 L
L1
C3
VIN
GND
IN
C
R3
2
PWM
BST
VOUT
GND
EN/PWML
PWMH
PWMH
FB
R1
FREQ
R2
PWMH


Similar Part No. - MP3309L

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3309 MPS-MP3309 Datasheet
367Kb / 11P
2.7V-5.5V Input, 35V Output White LED Driver
MP3309AGQ MPS-MP3309AGQ Datasheet
273Kb / 6P
2.7V-5.5V Input, 35V Output, programmable Fsw, White LED Driver with I2C Interface Evaluation Board
MP3309GQG MPS-MP3309GQG Datasheet
367Kb / 11P
2.7V-5.5V Input, 35V Output White LED Driver
More results

Similar Description - MP3309L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5X02EVKIT MAXIM-MAX5X02EVKIT Datasheet
799Kb / 16P
2.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
logo
Monolithic Power System...
MP3309 MPS-MP3309 Datasheet
367Kb / 11P
2.7V-5.5V Input, 35V Output White LED Driver
MP3312 MPS-MP3312 Datasheet
416Kb / 15P
2.7V-5.5V Input , 38V OVP, Dual-Channel White LED Driver
EV3309A-Q-00A MPS-EV3309A-Q-00A Datasheet
273Kb / 6P
2.7V-5.5V Input, 35V Output, programmable Fsw, White LED Driver with I2C Interface Evaluation Board
EV24830-L-00A MPS-EV24830-L-00A Datasheet
306Kb / 7P
Buck- Boost Mode White LED Driver 8V ??24V, Programmable Frequency
logo
SHOUDING Shouding Semic...
SDB9HB SHOUDING-SDB9HB Datasheet
1Mb / 9P
1.20MHz, 3V-24V Input High Efficiency Boost White LED Driver
logo
LinkCom Manufacturing C...
INT050U142X1NS LINKCOM-INT050U142X1NS Datasheet
848Kb / 6P
50W Programmable Tunable White LED Driver
logo
Shenzhen Huazhimei Semi...
HM5663 HMSEMI-HM5663 Datasheet
1Mb / 9P
1.2MHz,3V-24V Input High Efficiency Boost White LED Driver
logo
Maxim Integrated Produc...
MAX20074EVKIT MAXIM-MAX20074EVKIT Datasheet
109Kb / 2P
2.7V to 5.5V Input Voltage Range
MAX20073EVKIT MAXIM-MAX20073EVKIT Datasheet
109Kb / 2P
2.7V to 5.5V Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com