Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3309L Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3309L
Description  2.7V-5.5V Input, 24V Output, fs-Programmable, White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3309L Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP3309L Datasheet HTML 2Page - Monolithic Power Systems MP3309L Datasheet HTML 3Page - Monolithic Power Systems MP3309L Datasheet HTML 4Page - Monolithic Power Systems MP3309L Datasheet HTML 5Page - Monolithic Power Systems MP3309L Datasheet HTML 6Page - Monolithic Power Systems MP3309L Datasheet HTML 7Page - Monolithic Power Systems MP3309L Datasheet HTML 8Page - Monolithic Power Systems MP3309L Datasheet HTML 9Page - Monolithic Power Systems MP3309L Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP3309L―2.7V-5.5V INPUT, 24V OUTPUT, fs-PROGRAMMABLE, WHITE LED DRIVER
MP3309L Rev. 1.01
www.MonolithicPower.com
6
7/18/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 10
PWMH
Analog Dimming Input. >20kHz PWM signal is recommended if using a PWM signal
input for analog dimming.
2
VIN
Input Supply Pin. Provides power for internal power and logic circuits. Must be locally
bypassed.
3
EN/PWML
PWM Brightness Control/Enable. Apply a PWM signal for PWM dimming. The LED
current dimming ratio is proportional to the PWM frequency—a lower dimming
frequency results in a smaller dimming current. For most applications, use a frequency
range of 200Hz to 2kHz. A low-level signal longer than 20ms will shutdown the IC.
4
RFEQ
Switching Frequency Set. Connect a resistor between this pin and GND to program
the converter switching frequency. Do not leave this pin floating.
5
FB
LED Current Feedback. Regulates the voltage across the current sense resistor
between FB and GND to 200mV.
6
GND
Ground.
7
SW
Power Switch Node. Drain of the internal low-side MOSFET. Connect the power
inductor between SW and VIN pin.
8
VOUT
Output Voltage. Internally connected to the source of the synchronous MOSFET.
9
BST
Booststrap. Connect a capacitor between SW and BST pin to provide the synchronous
MOSFET gate driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com