Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3309L Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3309L
Description  2.7V-5.5V Input, 24V Output, fs-Programmable, White LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3309L Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3309L Datasheet HTML 4Page - Monolithic Power Systems MP3309L Datasheet HTML 5Page - Monolithic Power Systems MP3309L Datasheet HTML 6Page - Monolithic Power Systems MP3309L Datasheet HTML 7Page - Monolithic Power Systems MP3309L Datasheet HTML 8Page - Monolithic Power Systems MP3309L Datasheet HTML 9Page - Monolithic Power Systems MP3309L Datasheet HTML 10Page - Monolithic Power Systems MP3309L Datasheet HTML 11Page - Monolithic Power Systems MP3309L Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MP3309L―2.7V-5.5V INPUT, 24V OUTPUT, fs-PROGRAMMABLE, WHITE LED DRIVER
PRELIMINARY SPECIFICATIONS SUBJECT TO CHANGE
MP3309L Rev. 1.01
www.MonolithicPower.com
11
7/18/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
C1
4.7 F/10V
SW
MP3309 L
L1
22 H
C3
0.47 F
/50V
VIN
GND
IN
C2
10nF
PWM
BST
OUT
GND
EN/PWML
PWMH (pin 1)
PWMH (pin 10)
FB
R1
10
FREQ
R2
100k
PWMH
7*LEDs
R3
R4
2k
Figure 4: Typical Application for More Noise Robust Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com