Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378GY Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP3378GY
Description  24 V, 4-Channel WLED Controller Plus High-Efficiency Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378GY Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP3378GY Datasheet HTML 12Page - Monolithic Power Systems MP3378GY Datasheet HTML 13Page - Monolithic Power Systems MP3378GY Datasheet HTML 14Page - Monolithic Power Systems MP3378GY Datasheet HTML 15Page - Monolithic Power Systems MP3378GY Datasheet HTML 16Page - Monolithic Power Systems MP3378GY Datasheet HTML 17Page - Monolithic Power Systems MP3378GY Datasheet HTML 18Page - Monolithic Power Systems MP3378GY Datasheet HTML 19Page - Monolithic Power Systems MP3378GY Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
MP3378
– 4-CHANNEL WLED CONTROLLER PLUS BUCK CONVERTER
MP3378 Rev. 1.01
www.MonolithicPower.com
16
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Over-Current Protection (OCP) and Hiccup
The
cycle-by-cycle
over-current
limit
is
implemented when the inductor current peak
value exceeds the set current-limit threshold.
Meanwhile, the output voltage starts to drop
until FB is below the under-voltage (UV)
threshold (50 percent below the reference,
typically). Once a UV is triggered, the buck
converter enters hiccup mode to re-start the
part periodically. This protection mode is useful
when the output is dead shorted to ground. The
average short-circuit current is reduced greatly
to alleviate thermal issues and protect the
regulator. The buck converter exits hiccup
mode
once
the
over-current
condition
is
removed.
Thermal Shutdown
Thermal shutdown prevents the chip from
operating at exceedingly high temperatures.
When the die temperature is higher than 150°C,
it shuts down the buck converter. When the
temperature is lower than its lower threshold
(130°C, typically) the buck converter is enabled
again.
Floating Driver and Bootstrap Charging
The floating power MOSFET driver is powered
by an external bootstrap capacitor. This floating
driver has its own UVLO protection. The
UVLO’s rising threshold is 2.2 V with a
hysteresis of 150 mV. The bootstrap capacitor
voltage is regulated internally by VIN2 through
DB, R6, C7, L2, and C5 (see Figure 3). If
VIN2-VSW is more than 5 V, U1 regulates MB
to maintain a 5 V BST voltage across C7.
5V
U1
VIN2
DB
MB
BST
R6
C7
L2
SW
C5
VOUT2
Figure 3
—Internal bootstrap charging circuit
start-up and shutdown
If VIN2 is higher than its appropriate thresholds,
the buck converter starts up. The reference
block starts first, generating stable reference
voltage and currents and then the internal
regulator is enabled. The regulator provides a
stable supply for the remaining circuitries.
Two events can shut down the buck converter:
VIN2 UVLO and thermal shutdown. During the
shutdown procedure, the signaling path is
blocked first to avoid any fault triggering. The
COMP voltage and the internal supply rail are
then pulled down. The floating driver is not
subject
to
this
shutdown
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com