Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378GY Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3378GY
Description  24 V, 4-Channel WLED Controller Plus High-Efficiency Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378GY Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3378GY Datasheet HTML 1Page - Monolithic Power Systems MP3378GY Datasheet HTML 2Page - Monolithic Power Systems MP3378GY Datasheet HTML 3Page - Monolithic Power Systems MP3378GY Datasheet HTML 4Page - Monolithic Power Systems MP3378GY Datasheet HTML 5Page - Monolithic Power Systems MP3378GY Datasheet HTML 6Page - Monolithic Power Systems MP3378GY Datasheet HTML 7Page - Monolithic Power Systems MP3378GY Datasheet HTML 8Page - Monolithic Power Systems MP3378GY Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
MP3378
– 4-CHANNEL WLED CONTROLLER PLUS BUCK CONVERTER
MP3378 Rev. 1.01
www.MonolithicPower.com
2
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL APPLICATION
VCC1
COMP
EN
OSC
ADIM
ISET
MP3378
25
26
27
2
4
3
C1
L1
VIN
C2
C3
R11
R10
VIN1
24
PWM
28
R3
GATE
ISENSE
GND1
OVP
LED1
LED2
LED3
LED4
D1
22
1
9
8
7
6
5
R4
C4
R2
VIN2
SYNC
VCC2
AAM
FB
AGND
BST
SW
VIN
C6
0.1 µF
5 V
R6
47 Ω
C7
0.1
µF
R8
40.2 k
R9
7.5 k
51 k
R7
L2 10 µH
R5
75 k
23
14
12
13
15
16
20
21
19
C4
22 µF
M1
R1
C5
66 µF
GND2
17, 18
GATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com