Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378GY Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP3378GY
Description  24 V, 4-Channel WLED Controller Plus High-Efficiency Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378GY Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP3378GY Datasheet HTML 10Page - Monolithic Power Systems MP3378GY Datasheet HTML 11Page - Monolithic Power Systems MP3378GY Datasheet HTML 12Page - Monolithic Power Systems MP3378GY Datasheet HTML 13Page - Monolithic Power Systems MP3378GY Datasheet HTML 14Page - Monolithic Power Systems MP3378GY Datasheet HTML 15Page - Monolithic Power Systems MP3378GY Datasheet HTML 16Page - Monolithic Power Systems MP3378GY Datasheet HTML 17Page - Monolithic Power Systems MP3378GY Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
MP3378
– 4-CHANNEL WLED CONTROLLER PLUS BUCK CONVERTER
MP3378 Rev. 1.01
www.MonolithicPower.com
14
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
(OVP) threshold. If the OVP point has been
triggered for >4 µs, the WLED controller stops
switching and marks off the strings that have an
LEDX voltage lower than 190 mV. Once
marked off, the remaining LED strings force the
output voltage back into tight regulation. The
string with the largest voltage drop determines
the output regulation. If all strings are open, the
WLED controller shuts down until the WLED
controller re-sets.
Short-String Protection
The WLED
controller
monitors
the
LEDX
voltages to determine if a short-string fault has
occurred. If one or more strings are shorted, the
respective LEDX pins tolerate high-voltage
stress. If an LEDX pin voltage is higher than
6.3 V, this condition triggers the detection of a
short string. When a short-string fault (LEDX
over-voltage fault) remains for 4096 switching
clocks, the fault string is marked off and
disabled. Once a string is marked off, it
disconnects from the output voltage loop. The
marked LED strings shut off completely until the
boost
part
re-starts.
In
order
to
prevent
mis-triggering
short
LED
protection
when
opening an LED string or sharp ADIM, the short
LED protection function is disabled when the
Vledxs of all the used LED channels are higher
than 1.5 V.
Inductor/Diode Short Protection
To prevent damage to the WLED controller and
external
MOSFET
when
the
external
inductor/diode is shorted, the protection mode
operates in the following ways:
1. When the inductor/diode is shorted, the
output cannot maintain enough energy
to load the LED, causing the output
voltage to drop. Thus, the COMP (the
error amplifier output) voltage tends to
rise until it is clamped high. If it lasts
longer than 512 switching cycles, the
WLED controller turns off and latches.
2. However, in some cases the COMP
voltage cannot be clamped high when
the inductor/diode is shorted, so the
WLED controller provides the protection
mode by detecting the current flowing
through the power MOSFET. In this
mode, when the current sense voltage
across the sense resistor (connected
between MOSFET and GND) hits VLMT
limit value and lasts for 4 switching
cycles, the WLED controller
turns off
and latches.
Thermal Shutdown Protection
To prevent the WLED controller from operating
at
exceedingly
high
temperatures,
thermal
shutdown detects the die temperature. When
the
die
temperature
exceeds
the
upper
threshold (150°C), the WLED controller shuts
down. The controller resumes normal operation
when the die temperature drops below the
lower threshold. Typically, the hysteresis value
is 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com