Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378GY Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3378GY
Description  24 V, 4-Channel WLED Controller Plus High-Efficiency Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378GY Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3378GY Datasheet HTML 6Page - Monolithic Power Systems MP3378GY Datasheet HTML 7Page - Monolithic Power Systems MP3378GY Datasheet HTML 8Page - Monolithic Power Systems MP3378GY Datasheet HTML 9Page - Monolithic Power Systems MP3378GY Datasheet HTML 10Page - Monolithic Power Systems MP3378GY Datasheet HTML 11Page - Monolithic Power Systems MP3378GY Datasheet HTML 12Page - Monolithic Power Systems MP3378GY Datasheet HTML 13Page - Monolithic Power Systems MP3378GY Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
MP3378
– 4-CHANNEL WLED CONTROLLER PLUS BUCK CONVERTER
MP3378 Rev. 1.01
www.MonolithicPower.com
10
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
GND1
Ground for WLED controller.
2
OSC
Switching frequency set. Connect a resistor between OSC and GND to set the step-up
converter switching frequency. The voltage at OSC is regulated to 1.23 V. The clock
frequency is proportional to the current sourced from OSC.
3
ISET
LED current set. Tie a current-setting resistor from ISET to ground to program the
current in each LED string. ISET voltage is regulated to 1.225 V. The LED current is
proportional to the current through the ISET resistor.
4
ADIM
Input for analog brightness control. The LED current amplitude is determined by
ADMIN. The input signal can be either a PWM signal or a DC voltage signal. An internal
RC filter (10 M
Ω resistor and 100 pF capacitor) is integrated to ADMIN. If a PWM signal
is applied to ADMIN, a >20 kHz frequency is recommended. This obtains a better PWM
signal filtering performance and ensures the amplitude voltage is higher than 1.5 V and
the low-level voltage is less than 0.4 V. For a DC signal input, please apply a DC input
signal range from 0.41 V to 1.49 V to set linearly
the LED current from minimum to full
scale. If ADMIN is floated, pull internally to GND.
5
LED4
LED string 4 current input. LED4 is the open-drain output of an internal dimming
control switch. Connect the LED string 4 cathode to LED4.
6
LED3
LED string 3 current input. LED3 is the open-drain output of an internal dimming
control switch. Connect the LED string 3 cathode to LED3.
7
LED2
LED string 2 current input. LED2 is the open-drain output of an internal dimming
control switch. Connect the LED string 2 cathode to LED2.
8
LED1
LED string 1 current input. LED1 is the open-drain output of an internal dimming
control switch. Connect the LED string 1 cathode to LED1.
9
OVP
Over-voltage protection input. Connect a resistor divider from the output to OVP to
program the OVP threshold.
10,11
NC
No connection.
12
FB
Buck converter feedback. An external resistor divider from the output to AGND (tapped
to FB) sets the output voltage. To prevent current-limit runaway during a short-circuit
fault condition, the frequency foldback comparator lowers the oscillator frequency when
the FB voltage is below 400 mV.
13
AAM
AAM mode setting for buck converter. Connect a resistor from AAM to ground to set
the AAM voltage and force the buck converter into non-synchronous mode when the
load is small. Driving AAM high (=VCC2) forces the buck converter into CCM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com