Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378GY Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP3378GY
Description  24 V, 4-Channel WLED Controller Plus High-Efficiency Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378GY Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP3378GY Datasheet HTML 17Page - Monolithic Power Systems MP3378GY Datasheet HTML 18Page - Monolithic Power Systems MP3378GY Datasheet HTML 19Page - Monolithic Power Systems MP3378GY Datasheet HTML 20Page - Monolithic Power Systems MP3378GY Datasheet HTML 21Page - Monolithic Power Systems MP3378GY Datasheet HTML 22Page - Monolithic Power Systems MP3378GY Datasheet HTML 23Page - Monolithic Power Systems MP3378GY Datasheet HTML 24Page - Monolithic Power Systems MP3378GY Datasheet HTML 25Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
MP3378
– 4-CHANNEL WLED CONTROLLER PLUS BUCK CONVERTER
MP3378 Rev. 1.01
www.MonolithicPower.com
21
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Selecting the Input Capacitor
The input current to the step-down converter is
discontinuous, therefore a capacitor is required to
supply the AC current to the step-down converter
while maintaining the DC input voltage. Use low
ESR
capacitors
for
the
best
performance.
Ceramic capacitors with X5R or X7R dielectrics
are highly recommended because of their low
ESR and small temperature coefficients. For
most applications, a 22 µF capacitor is sufficient.
Since the input capacitor (C4) absorbs the input
switching current, it requires an adequate ripple-
current rating. The RMS current in the input
capacitor can be estimated with Equation (14):
OUT2
OUT2
C4
LOAD2
IN2
IN2
VV
I
I
1
VV





(14)
The worse-case condition occurs at VIN2 = 2VOUT2.
See Equation (15):
LOAD2
C4
I
I
2
(15)
For simplification, choose an input capacitor with
a RMS current rating greater than half of the
maximum load current.
The input capacitor can be electrolytic, tantalum,
or
ceramic.
When
electrolytic
or
tantalum
capacitors are used, a small high-quality ceramic
capacitor (i.e. 0.1
μF) should be placed as close
to the IC as possible. When using ceramic
capacitors, make sure that they have enough
capacitance to provide sufficient charge in order
to prevent excessive voltage ripple at the input.
The input voltage ripple caused by capacitance
can be estimated with Equation (16):
LOAD2
OUT2
OUT2
IN2
SW2
IN2
IN2
I
V
V
ΔV
(1
)
F
C4
V
V
 
(16)
Selecting the Output Capacitor
The output capacitor (C5) is required to maintain
the DC output voltage. Ceramic, tantalum, or low
ESR electrolytic capacitors are recommended.
Low ESR capacitors are preferred to keep the
output voltage ripple low. The output voltage
ripple can be estimated with Equation (17):
)
5
F
8
1
(R
)
V
V
(1
L2
F
V
ΔV
SW2
ESR
IN2
OUT2
SW2
OUT2
OUT2
C
(17)
Where L2 is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
When using ceramic capacitors, the impedance
at the switching frequency is dominated by the
capacitance. The output voltage ripple is caused
mainly by the capacitance. For simplification, the
output voltage ripple can be estimated with
Equation (18):
OUT2
OUT2
OUT2
2
SW2
IN2
VV
ΔV
(1
)
8 F
L2 C5
V
 
(18)
When using tantalum or electrolytic capacitors,
the ESR dominates the impedance at the
switching frequency. For simplification, the output
ripple can be approximated with Equation (19):
OUT2
OUT2
OUT2
ESR
SW2
IN2
VV
ΔV
(1
) R
F
L2
V
 
(19)
The characteristics of the output capacitor affect
the stability of the regulation system.
External Bootstrap Diode (BST)
An external bootstrap diode may enhance the
efficiency
of
the
regulator,
the
applicable
conditions for an external BST diode are:
VOUT2 is 5 V or 3.3 V, and
the duty cycle is high: D=
IN2
OUT2
V
V
>65%
In these cases, an external BST diode is
recommended from VCC2 to BST (see Figure 8).
The recommended external BST diode is IN4148,
and the BST capacitor is 0.1
μF ─1μF.
+
VCC2
SW
BST
MP3378
CBST
0.1µF-1μF
RBST
L2
COUT
External BST Diode
1N4148
Figure 8
—Add optional external bootstrap diode
to enhance efficiency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com