Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378GY Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3378GY
Description  24 V, 4-Channel WLED Controller Plus High-Efficiency Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378GY Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3378GY Datasheet HTML 1Page - Monolithic Power Systems MP3378GY Datasheet HTML 2Page - Monolithic Power Systems MP3378GY Datasheet HTML 3Page - Monolithic Power Systems MP3378GY Datasheet HTML 4Page - Monolithic Power Systems MP3378GY Datasheet HTML 5Page - Monolithic Power Systems MP3378GY Datasheet HTML 6Page - Monolithic Power Systems MP3378GY Datasheet HTML 7Page - Monolithic Power Systems MP3378GY Datasheet HTML 8Page - Monolithic Power Systems MP3378GY Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
MP3378
24 V, 4-Channel WLED Controller
Plus High-Efficiency Buck Converter
MP3378 Rev. 1.01
www.MonolithicPower.com
1
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
DESCRIPTION
The MP3378 is a one-chip solution designed for
monitor applications. It includes a step-up
controller
with
4
current
channels
for
backlighting
and
a
high-efficiency
buck
converter for internal bus voltage or standby
power.
The 4-string WLED controller drives an external
MOSFET to boost up the output voltage from
the input supply. It regulates the current in each
LED string to the programmed value set by an
external current-setting resistor. It supports both
analog and PWM dimming independently to
meet the special dimming mode request. In
addition, rich protection modes are integrated
including
OCP,
OTP,
UVP,
OVP,
LED
short/open protection, and inductor/diode short
protection.
The high-efficiency buck converter operates in
current mode with a built in MOSFET and
synchronous rectifier. It offers a very compact
solution to achieve excellent load and line
regulation. Full protection features include OCP
and thermal shutdown.
The MP3378 is available in SOIC28 and
TSSOP28EP package.
FEATURES
WLED Controller:
 4-String,
Max
350
mA/String
WLED
Controller
 Up to 24 V Input Voltage Range
 2.5% Current Matching Accuracy
 Programmable Switching Frequency
 PWM and Analog Dimming Mode
 Open and Short LED Protection
 Programmable Over-Voltage Protection
 Recoverable Thermal Shutdown Protection
 Over-Current Protection
 Over-Temperature Protection
 Inductor/Diode Short Protection
Buck Converter:
 144 mΩ/58 mΩ Low Rds(on) Internal Power
MOSFETs
 Low Quiescent Current
 Fixed 235 kHz Switching Frequency
 Frequency Sync from 250 kHz to 2 MHz
External Clock
 AAM Power-Save Mode
 Internal Soft Start
 OCP and Hiccup
 Over-Temperature Protection
 Output Adjustable from 0.8 V
APPLICATIONS
 Desktop LCD Flat Panel Displays
 Flat Panel Video Displays
 2D/3D LCD TVs and Monitors
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP3378GY

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3378GS MPS-MP3378GS Datasheet
356Kb / 8P
4 Strings, Step Up WLED Controller Plus High Efficiency Step down Converter
More results

Similar Description - MP3378GY

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3780 LINER-LTC3780 Datasheet
421Kb / 28P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3780EG-PBF LINER-LTC3780EG-PBF Datasheet
629Kb / 30P
High Efficiency, Synchronous 4-Switch Buck-Boost Controller
LTC3780EG LINER-LTC3780EG Datasheet
556Kb / 30P
High Efficiency, Synchronous,4-Switch Buck-Boost Controller
LTC3780 LINER-LTC3780_15 Datasheet
629Kb / 30P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3566 LINER-LTC3566_15 Datasheet
282Kb / 28P
High Efficiency USB Power Manager Plus 1A Buck-Boost Converter
LTC3566-2 LINER-LTC3566-2_15 Datasheet
282Kb / 28P
High Efficiency USB Power Manager Plus 1A Buck-Boost Converter
LTC3789 LINER-LTC3789_15 Datasheet
535Kb / 30P
High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
logo
Monolithic Power System...
EV3378E-F-00A MPS-EV3378E-F-00A Datasheet
565Kb / 8P
4-Channel WLED Controller With High-Efficiency Buck Converter Evalution Board
EV3378-S-00A MPS-EV3378-S-00A Datasheet
356Kb / 8P
4 Strings, Step Up WLED Controller Plus High Efficiency Step down Converter
MP3378E MPS-MP3378E Datasheet
1Mb / 23P
4-Channel WLED Controller with High-Efficiency Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com