Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3378GY Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3378GY
Description  24 V, 4-Channel WLED Controller Plus High-Efficiency Buck Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3378GY Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3378GY Datasheet HTML 1Page - Monolithic Power Systems MP3378GY Datasheet HTML 2Page - Monolithic Power Systems MP3378GY Datasheet HTML 3Page - Monolithic Power Systems MP3378GY Datasheet HTML 4Page - Monolithic Power Systems MP3378GY Datasheet HTML 5Page - Monolithic Power Systems MP3378GY Datasheet HTML 6Page - Monolithic Power Systems MP3378GY Datasheet HTML 7Page - Monolithic Power Systems MP3378GY Datasheet HTML 8Page - Monolithic Power Systems MP3378GY Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
MP3378
– 4-CHANNEL WLED CONTROLLER PLUS BUCK CONVERTER
MP3378 Rev. 1.01
www.MonolithicPower.com
4
5/26/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
22
21
20
19
28
27
7
8
18
17
3
4
5
6
2
GATE
SYNC
VIN1
PWM
EN
COMP
VCC1
OSC
ISET
LED3
ADIM
LED4
1
GND1
9
10
11
OVP
LED2
LED1
12
15
GND2
GND2
AGND
16
BST
ISENSE
13
NC
NC
14
SW
VIN2
26
25
24
23
FB
AAM
VCC2
LED3
LED4
SYNC
ISET
BST
ADIM
AGND
26
25
24
23
Exposed Pad
Connect to GND
ISENSE
28
27
9
10
7
8
OSC
GND1
OVP
NC
LED1
LED2
EN
COMP
VCC1
PWM
VIN1
GATE
20
19
22
21
3
4
5
6
1
2
GND2
SW
VIN2
GND2
16
15
18
17
13
14
11
12
AAM
VCC2
FB
NC
SOIC28
TSSOP28EP
ABSOLUTE MAXIMUM RATINGS
(1)
WLED Driver
VIN1 ........................................... -0.3 V to + 28 V
VLED1 to VLED4 ............................... -1 V to + 55 V
VGATE, VCC1, VISENSE .................. -0.3 V to + 6.5 V
All other pins.............................
–0.3 V to VCC1
Buck Converter
VIN2, VSW ..................................... –0.3 V to 28 V
VBST .................................................... VSW + 6 V
All other pins.................................
–0.3 V to 6 V
Continuous power dissipation (TA = 25°C)
(2)
SOIC-28 ......................................................2 W
TSSOP-28 EP ..........................................3.9 W
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
Recommended Operating Conditions
(3)
Supply voltage (VIN1, VIN2) ................ 5 V to 24 V
Operating junction temp. (TJ). .. -40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
SOIC-28…………………..……
62.5……30....°C/W
TSSOP-28 EP……………...…32
…….…6....°C/W
NOTES:
1) Exceeding these ratings may damage the device. The voltage
is measured with a 20 MHz bandwidth limited oscilloscope.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com