Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3385A Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP3385A
Description  4-String, 80V Output, WLED Controller with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3385A Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP3385A Datasheet HTML 13Page - Monolithic Power Systems MP3385A Datasheet HTML 14Page - Monolithic Power Systems MP3385A Datasheet HTML 15Page - Monolithic Power Systems MP3385A Datasheet HTML 16Page - Monolithic Power Systems MP3385A Datasheet HTML 17Page - Monolithic Power Systems MP3385A Datasheet HTML 18Page - Monolithic Power Systems MP3385A Datasheet HTML 19Page - Monolithic Power Systems MP3385A Datasheet HTML 20Page - Monolithic Power Systems MP3385A Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
MP3385A – 4-STRING WLED CONTROLLER WITH I
2C INTERFACE
MP3385A Rev. 1.01
www.MonolithicPower.com
17
8/29/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Table 1: Dimming Mode Register
Addr: 0x00
Bit
Bit Name
Access
Default
Description
7:4
LED4:0
RW
1111b
LED current source enable bits. LED1/2/3/4 controls the internal
LED current sources, respectively.
LED1: LED current source 1
1 = enabled
0 = disabled
LED2: LED current source 2
1 = enabled
0 = disabled
LED3: LED current source 3
1 = enabled
0 = disabled
LED4: LED current source 4
1= enabled
0 = disabled
3
NA
RW
NA
N/A
2
INTERFACE
RW
0b
Dimming input interface set bit.
0 = dimming control by PWM input signal
1 = dimming control by I
2C interface
1:0
MODE1:0
RW
00b
Dimming mode setting bits.
00 = PWM mode. The LED current duty cycle directly follows
the PWM input signal duty cycle when INTERFACE = 0. The IC
works in internal PWM dimming mode, and the LED current
duty cycle is set by the internal registers 03H and 04H when
INTERFACE = 1. The internal dimming frequency is fixed at
23kHz.
01 = Analog dimming mode. The LED current amplitude follows
the duty cycle of the input PWM signal when INTERFACE = 0
and follows the internal register value of 03H and 04H if
INTERFACE = 1.
10 = Mixed dimming mode. When the dimming duty cycle is
larger than the 25% threshold, the IC works in analog dimming
mode. Otherwise, the IC works in PWM dimming mode.
11 = Mixed dimming mode. When the dimming duty cycle is
larger than the 50% threshold, the IC works in analog dimming
mode. Otherwise, the IC works in PWM dimming mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com