Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3385A Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3385A
Description  4-String, 80V Output, WLED Controller with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3385A Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3385A Datasheet HTML 7Page - Monolithic Power Systems MP3385A Datasheet HTML 8Page - Monolithic Power Systems MP3385A Datasheet HTML 9Page - Monolithic Power Systems MP3385A Datasheet HTML 10Page - Monolithic Power Systems MP3385A Datasheet HTML 11Page - Monolithic Power Systems MP3385A Datasheet HTML 12Page - Monolithic Power Systems MP3385A Datasheet HTML 13Page - Monolithic Power Systems MP3385A Datasheet HTML 14Page - Monolithic Power Systems MP3385A Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
MP3385A – 4-STRING WLED CONTROLLER WITH I
2C INTERFACE
MP3385A Rev. 1.01
www.MonolithicPower.com
11
8/29/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
DRV
Step-up converter power switch gate output.
DRV drives the external power N-
channel MOSFET device. Connect a resistor (e.g.: 10Ω) to DRV.
2
VCC
Internal 6V linear regulator output.
VCC provides a power supply for the external
MOSFET switch gate driver and internal control circuitry. Bypass VCC to GND with a
ceramic capacitor.
3
EN
Enable control input.
A voltage greater than 1.5V turns the part on. A voltage less than
0.6V turns the part off. Do not float EN.
4
VIN
Supply input.
VIN must be bypassed locally.
5
PWM
PWM input signal for brightness control.
Ensure that the PWM amplitude voltage
level is higher than VPWM_HI, and the low-level voltage is lower than VPWM_LO. The input
PWM signal frequency determines the LED current dimming ratio when the MP3385A
works in direct PWM dimming mode. For external analog and mixed dimming modes,
the PWM pulse is filtered to a DC signal by an LPF capacitor, and the LED current is
proportional to the input PWM duty. If PWM is floated, weakly pull PWM to GND
internally.
6
SCL
I
2C clock input.
7
SDA
I
2C data input.
8
FT
Fault indication output
. FT is an open drain during normal operation. FT is pulled low
during a fault condition.
9
LPF
Low-pass filter output for analog dimming with PWM input.
A capacitor is
connected between LPF and GND when the part operates in external PWM input analog
dimming or mixed dimming mode. Remove the LPF capacitor when the part operates in
direct PWM dimming mode.
10
OSC
Switching frequency set.
Connect a resistor
(ROSC) between OSC and GND to set the
step-up converter switching frequency. The clock frequency is proportional to the current
sourced from OSC. There is a 100~900kHz switching frequency selected by the I
2C
interface when connected to a 100kΩ resistor at OSC.
11
COMP
Step-up converter compensation.
COMP compensates for the regulation control loop.
Connect a ceramic capacitor and resistor from COMP to GND.
12
ISET
LED current set.
Tie a current-setting resistor from ISET to ground to program the
current in each LED string.
13
LED4
LED string 4 current input.
LED4 is the open-drain output of an internal dimming
control switch. Connect the LED string 4 cathode to LED4.
14
LED3
LED string 3 current input.
LED3 is the open-drain output of an internal dimming
control switch. Connect the LED string 3 cathode to LED3.
15
PGND
Power ground.
16
LED2
LED string 2 current input.
LED2 is the open-drain output of an internal dimming
control switch. Connect the LED string 2 cathode to LED2.
17
LED1
LED string 1 current input.
LED1 is the open-drain output of an internal dimming
control switch. Connect the LED string 1 cathode to LED1.
18
OVP
Output over-voltage protection.
19
IS
Current sense input.
During normal operation, IS senses the voltage across the
external inductor current-sensing resistor (RSENSE) for peak-current-mode control. IS also
limits the inductor current during every switching cycle. If the MP3385A is used for
cascading applications, tie IS of the slave chip to GND. Do not float IS.
20
AGND
Signal ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com