Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3385A Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3385A
Description  4-String, 80V Output, WLED Controller with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3385A Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP3385A Datasheet HTML 2Page - Monolithic Power Systems MP3385A Datasheet HTML 3Page - Monolithic Power Systems MP3385A Datasheet HTML 4Page - Monolithic Power Systems MP3385A Datasheet HTML 5Page - Monolithic Power Systems MP3385A Datasheet HTML 6Page - Monolithic Power Systems MP3385A Datasheet HTML 7Page - Monolithic Power Systems MP3385A Datasheet HTML 8Page - Monolithic Power Systems MP3385A Datasheet HTML 9Page - Monolithic Power Systems MP3385A Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
MP3385A – 4-STRING WLED CONTROLLER WITH I
2C INTERFACE
MP3385A Rev. 0.1
www.MonolithicPower.com
6
8/29/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, VEN = 5V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Unit
Current Regulation
ISET voltage
VISET
1.93
1.98
2.03
V
LEDX average current
ILED
RISET = 100.8kΩ,
ILED = FFh
192
201
210
mA
Full scale current
ILED7:0 bits = 00h
2
%
ILED7:0 bits = FFh
(5)
100
%
Current matching
(6)
ILED = 200mA
1.8
%
LEDX regulation voltage
VLEDX
ILED = 330mA
820
mV
ILED = 200mA
700
mV
ILED = 60mA
500
mV
Protection
OVP threshold
VOVP_OV
OVP4:0 bits = 00000b
16.8
18
18.9
V
OVP4:0 bits = 11100b
71.5
74
75.5
V
OVP UVLO threshold
VOVP_UV
Step-up converter fails
2.5
V
LEDX UVLO threshold
VLEDX_UV
147
206
265
mV
LEDX over-voltage threshold
VLEDX_OV
LEDS2:0 bits = 000b
4
V
LEDS2:0 bits = 111b
11
V
Thermal protection threshold
TST
150
°C
Thermal protection hysteresis
25
°C
I
2C Interface Specifications
Input logic low
VIL
0.4
V
Input logic high
VIH
1.3
V
Output logic low
VOL
ILOAD = 3mA
0.4
V
SCL clock frequency
fSCL
400
kHz
SCL high time
τHIGH
0.6
μs
SCL low time
τLOW
1.3
μs
Data set-up time
τSU,DAT
100
ns
Data hold time
τHD,DAT
0
0.9
μs
Set-up time for repeated start
τSU,STA
0.6
μs
Hold time for start
τHD,STA
0.6
μs
Bus-free time between a start
and stop condition
τBUF
1.3
μs
Set-up time for stop condition
τSU,STO
0.6
μs
Rise time of SCL and SDA
τR
20 + 0.1
x CB
300
ns
Fall time of SCL and SDA
τF
20 + 0.1
x CB
300
ns
Pulse width of suppressed
spike
τSP
0
50
ns
Capacitance bus for each bus
line
CB
400
pF
NOTES:
5)
Guaranteed by design.
6)
Matching is defined as the difference between the maximum to minimum current divided by 2x the average currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com