Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3385A Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3385A
Description  4-String, 80V Output, WLED Controller with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3385A Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3385A Datasheet HTML 9Page - Monolithic Power Systems MP3385A Datasheet HTML 10Page - Monolithic Power Systems MP3385A Datasheet HTML 11Page - Monolithic Power Systems MP3385A Datasheet HTML 12Page - Monolithic Power Systems MP3385A Datasheet HTML 13Page - Monolithic Power Systems MP3385A Datasheet HTML 14Page - Monolithic Power Systems MP3385A Datasheet HTML 15Page - Monolithic Power Systems MP3385A Datasheet HTML 16Page - Monolithic Power Systems MP3385A Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
MP3385A – 4-STRING WLED CONTROLLER WITH I
2C INTERFACE
MP3385A Rev. 1.01
www.MonolithicPower.com
13
8/29/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
OPERATION
The MP3385A employs a programmable,
constant-frequency, peak-current mode, step-
up converter with four regulated current
channels to drive an array of four strings of
white LEDs. The MP3385A has an I2C interface
for easy communication that sets the operation
modes flexibly.
Internal 6V Regulator
The MP3385A includes an internal linear
regulator (VCC). When VIN is greater than 6.5V,
the regulator outputs a 6V power supply to the
external MOSFET switch gate driver and the
internal control circuitry. The VCC voltage drops
to 0V when the chip shuts down. The MP3385A
features under-voltage lockout (UVLO), in
which the chip is disabled until VCC exceeds
the UVLO threshold. The UVLO hysteresis is
approximately 340mV.
System Start-Up
When enabled, the MP3385A checks the
topology connection first. The chip monitors the
over-voltage protection (OVP) pin to determine
if the Schottky diode is connected or if the boost
output is shorted to GND. An OVP voltage
higher than 2.5V allows the chip to switch
normally. Otherwise, switching is disabled. The
MP3385A
checks
additional
safety
limits
including LED open/short protection, UVLO,
over-temperature protection (OTP), and over-
current protection (OCP) after passing the OVP
test. If all the protection tests pass, the chip
begins boosting the step-up converter with an
internal soft start.
Step-Up Converter
At the beginning of each switching cycle, the
internal clock turns on the external MOSFET. In
normal operation, the minimum turn-on time is
around 150ns. A stabilizing ramp is added to
the output of the current sense amplifier to
prevent sub-harmonic oscillations for duty
cycles greater than 50%. This result is fed into
the PWM comparator. When the summed
voltage reaches the output voltage of the error
amplifier (VCOMP), the external MOSFET turns
off.
The output voltage of the internal error amplifier
is an amplified signal of the difference between
the reference voltage and the feedback voltage.
The converter chooses the lowest active LEDX
voltage automatically to provide a high-enough
bus voltage to power all of the LED arrays.
If the feedback voltage drops below the
reference, the output of the error amplifier
increases. This results in more current flowing
through the MOSFET, increasing the power
delivered to the output. This forms a closed
loop that regulates the output voltage.
Under light-load operation, especially in the
case of VOUT ≈ VIN, the converter runs in pulse-
skipping mode where the MOSFET turns on for
a minimum on time, and then the converter
discharges the power to the output for the
remaining period. The external MOSFET
remains off until the output voltage needs to be
boosted again.
Dimming Control
The
MP3385A
provides
flexible
dimming
methods according to the dimming mode
settings below.
1) PWM Dimming Mode
MODE bits = 00b. The LED current duty cycle
directly follows the PWM input signal duty cycle
when INTERFACE = 0. The IC works in internal
PWM dimming mode, and the LED current duty
cycle is set by the internal registers 03H and
04H when INTERFACE = 1. The internal
dimming frequency is fixed at 23kHz.
2) Analog Dimming Mode
MODE bits = 01b. The LED current amplitude
follows the duty cycle of the input PWM signal
when INTERFACE = 0. The IC works in internal
analog dimming mode (the LED current
amplitude follows the internal register value of
03H and 04H) if INTERFACE = 1.
3) Mixed Dimming Mode
There are two transfer points from analog to
PWM dimming (25% or 50%) set by the I2C
interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com