Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3385A Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP3385A
Description  4-String, 80V Output, WLED Controller with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3385A Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP3385A Datasheet HTML 10Page - Monolithic Power Systems MP3385A Datasheet HTML 11Page - Monolithic Power Systems MP3385A Datasheet HTML 12Page - Monolithic Power Systems MP3385A Datasheet HTML 13Page - Monolithic Power Systems MP3385A Datasheet HTML 14Page - Monolithic Power Systems MP3385A Datasheet HTML 15Page - Monolithic Power Systems MP3385A Datasheet HTML 16Page - Monolithic Power Systems MP3385A Datasheet HTML 17Page - Monolithic Power Systems MP3385A Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
MP3385A – 4-STRING WLED CONTROLLER WITH I
2C INTERFACE
MP3385A Rev. 1.01
www.MonolithicPower.com
14
8/29/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
If the MODE bits = 10b when the dimming duty
cycle is larger than the 25% threshold, the IC
works in analog dimming mode. Otherwise, the
IC works in PWM dimming mode, and the LED
current follows the PWM ratio. If the MODE bits
= 11b when the dimming duty cycle is larger
than the 50% threshold, the IC works in analog
dimming mode. Otherwise, the IC works in
PWM dimming mode.
In mixed dimming mode, when INTERFACE = 0,
the LED current amplitude is proportional to the
ratio of the external PWM signal if the duty
cycle of PWM is larger than the transfer point
(25% or 50%). The LED current amplitude is
fixed to 100% brightness while the LED current
duty is equal to the input PWM ratio (if the duty
cycle of PWM is lower than the transfer point).
When INTERFACE = 1, the LED current
amplitude and the duty cycle are set by
registers 03H and 04H.
Regardless of the INTERFACE setting (1 or 0),
the LED current frequency is fixed at 23kHz in
mixed dimming mode when the duty cycle is
lower than the transfer point (25% or 50%).
In analog and mixed dimming mode, to avoid
noise at the small dimming ratio, the IC turns off
the current sources if the current is less than
1.2% times the full scale current.
For external analog and mixed dimming modes,
the minimum pulse width of the PWM signal is
limited to 2µs to avoid noise interruption.
Operation Switching Frequency
The operation frequency of the converter can
be changed by the OSC resistor and the FS0-3
bit in register 01H. The switching frequency
covers 100kHz to 900kHz through the I2C
register bits when a 100kΩ resistor is
connected to OSC. This optimizes the size of
the external components and system efficiency.
Open-String Protection
Open-string protection is achieved through the
OVP pin and the LED (1 to 4) pins. If one or
more strings are open, the respective LEDX
pins are pulled to ground. The IC continues
charging the output voltage until it reaches the
over-voltage protection (OVP) threshold. If the
OVP point has been triggered, the chip stops
switching and marks the strings that have an
LEDX pin voltage lower than 206mV. Once
marked, the remaining LED strings force the
output voltage back into tight regulation. The
string with the largest voltage drop determines
the output regulation.
The MP3385A always attempts to light at least
one string. If all strings are open, the MP3385A
shuts down the step-up converter. The strings
remain in this marked state until the chip resets.
Unused LED String Auto-Detection
For the MP3385A, if an LED string is open or
unused before start-up, the IC detects and
marks off the open channel automatically to
prevent the output from charging to the OVP
value. This function prevents a start-up failure,
which
is
caused
by
LED
short
string
misprotection due to OVP triggering. This is
useful for application use and test board
debugging. The unused LED string auto-
detection function is disabled if the OVP point is
changed by the I2C after EN and VIN power on,
and I2C is active.
The MP3385A disables the unused LED string
by disabling the corresponding register control
bit for each 4-channel current source. In some
applications, if fewer than four LED strings are
needed, the unused LED current sources can
be disabled by setting the LED4:0 bit to 0 in
register 00H.
Short-String Protection
The MP3385A monitors the LEDX pin voltages
to determine if a short-string fault has occurred.
If one or more strings are shorted, the
respective LEDX pins tolerate high-voltage
stress. If an LEDX pin voltage is higher than the
protection
threshold,
which
can
be
programmable by the LEDS2:0 bits in 01H, this
condition triggers the detection of a short-string
fault. When a short-string fault remains for
longer than 10ms, the fault string is marked off
and disabled. Once a string is marked off, it
disconnects from the output voltage loop until
VIN or EN restarts.
Cycle-by-Cycle Current Limit
To prevent the external components from
exceeding the current stress rating, the IC uses
a cycle-by-cycle current limit protection. The
limit value is programmable from 150mV to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com