Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3385A Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3385A
Description  4-String, 80V Output, WLED Controller with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3385A Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3385A Datasheet HTML 1Page - Monolithic Power Systems MP3385A Datasheet HTML 2Page - Monolithic Power Systems MP3385A Datasheet HTML 3Page - Monolithic Power Systems MP3385A Datasheet HTML 4Page - Monolithic Power Systems MP3385A Datasheet HTML 5Page - Monolithic Power Systems MP3385A Datasheet HTML 6Page - Monolithic Power Systems MP3385A Datasheet HTML 7Page - Monolithic Power Systems MP3385A Datasheet HTML 8Page - Monolithic Power Systems MP3385A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
MP3385A
4-String, 80V Output,
WLED Controller with I
2C Interface
MP3385A Rev. 1.01
www.MonolithicPower.com
1
8/29/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3385A is a step-up controller with four
regulated current channels designed to drive
WLED arrays for mid- and large-sized LCD
panel backlighting applications.
The MP3385A uses peak-current mode and
PWM control architecture for system loop
regulation. The MP3385A drives an external
MOSFET to boost up the output voltage from a
4.5V-to-33V input supply.
The MP3385A employs an I2C digital interface
that can flexibly set operation and protection
modes, including dimming mode, dimming
current and dimming ratio, OCP, OVP, LED
short
protection
threshold,
and
switching
frequency. For easy application use and board
debugging, the MP3385A detects and disables
the unused LED strings automatically during
start-up to avoid charging the output to the OVP
threshold.
The MP3385A achieves 1.8% current matching
between each string. The low regulation voltage
on the LED current sources improves efficiency
and reduces power loss to achieve a higher
current output.
The MP3385A supports analog, PWM, and
combined analog and PWM dimming modes to
meet different application requirements. Full
protection
features
include
over-current
protection (OCP), over-temperature protection
(OTP), under-voltage protection (UVP), over-
voltage protection (OVP), LED short/open
protection, and inductor/diode short protection.
The MP3385A is available in a QFN-20
(4mmx4mm) package.
FEATURES
 4-String, Max 300mA/String WLED Driver
 4.5V to 33V Input Voltage Range
 80V ABS Rating for Each String
 1.8% Current Matching Accuracy for Each
String
 Unused Channel Auto-Detection Function
during Start-Up
 100kHz-900kHz Programmable Switching
Frequency
 Multiple Dimming Modes Selected by I2C
Interface
o
Direct PWM Dimming Mode
o
Internal Fixed 23kHz PWM Dimming
Mode by I2C
o
Analog Dimming Mode by Input Pulse
o
Internal Analog Dimming Mode by I2C
o
Mixed Dimming Mode by Input Pulse
o
Internal Mixed Dimming Mode by I2C
 2%-100% Programmable Full Scale Current
with 8-Bit Resolution
 0%-100% LED Dimming Range with 10-Bit
Resolution for Internal Dimming Mode
 Cascading Capability with a Single Power
Source
 18V to 80V Over-Voltage Protection (OVP),
2V/Step
 0.15V to 0.5V Latch-Off/Recoverable Over-
Current
Protection
(OCP)
Threshold,
50mV/Step
 Recoverable Thermal Shutdown Protection
APPLICATIONS
 Desktop LCD Flat Panel Displays
 All-in-One PCs
 2D/3D LCD TVs
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality
Assurance. “MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.


Similar Part No. - MP3385A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3385GR MPS-MP3385GR Datasheet
634Kb / 8P
4 String WLED Controller With I2C Interface Evaluation Board
More results

Similar Description - MP3385A

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2471 EUTECH-EUP2471 Datasheet
81Kb / 1P
1.5A Dual WLED Flash Driver with I2C Compatible Interface
logo
Richtek Technology Corp...
RT9396 RICHTEK-RT9396 Datasheet
376Kb / 17P
I2C Interface PMIC with 6-Channel WLED Driver and 4-LDO
logo
Texas Instruments
TPS61196 TI-TPS61196 Datasheet
1Mb / 30P
6-String 400-mA WLED Driver with Independent PWM Dimming for Each String
logo
Monolithic Power System...
MP3398E MPS-MP3398E Datasheet
1,004Kb / 17P
4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
EV3398E-F-00A MPS-EV3398E-F-00A Datasheet
392Kb / 6P
4 strings WLED Controller With 80V Return Evaluation Board
EV3398E-U-00A MPS-EV3398E-U-00A Datasheet
757Kb / 6P
4 strings WLED Controller With 80V Return Evaluation Board
EV3376-R-00A MPS-EV3376-R-00A Datasheet
1Mb / 6P
8-Channel, Synchronous, Boost, WLED Driver with I2C Interface
EV3385-R-00A MPS-EV3385-R-00A Datasheet
634Kb / 8P
4 String WLED Controller With I2C Interface Evaluation Board
logo
Leadtrend Technology
LD5805 LEADTREND-LD5805 Datasheet
756Kb / 18P
Step up, 4 strings, Max. 250mA/string, Multi-dimming mode WLED Backlight Controller
logo
Monolithic Power System...
MP3383 MPS-MP3383 Datasheet
970Kb / 23P
4-String, Max 400mA/String, Max 80V VOUT, Step-Up WLED Controller
Rev. 1.0 5/2/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com