Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3385A Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3385A
Description  4-String, 80V Output, WLED Controller with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3385A Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3385A Datasheet HTML 8Page - Monolithic Power Systems MP3385A Datasheet HTML 9Page - Monolithic Power Systems MP3385A Datasheet HTML 10Page - Monolithic Power Systems MP3385A Datasheet HTML 11Page - Monolithic Power Systems MP3385A Datasheet HTML 12Page - Monolithic Power Systems MP3385A Datasheet HTML 13Page - Monolithic Power Systems MP3385A Datasheet HTML 14Page - Monolithic Power Systems MP3385A Datasheet HTML 15Page - Monolithic Power Systems MP3385A Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
MP3385A – 4-STRING WLED CONTROLLER WITH I
2C INTERFACE
MP3385A Rev. 1.01
www.MonolithicPower.com
12
8/29/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
BLOCK DIAGRAM
Control
Logic
+
-
Current-Sense
Amplifier
+
-
PWM
Comparator
Oscillator
+
-
+
-
LED1
1.98V
Max
Min
Feedback
Control
LED_SHORT
EA
Short-String
Protection
Regulator
LED4
OVP
IS
AGND
VIN
VCC
PWM
LPF
ISET
COMP
OSC
EN
Enable
Control
VREF
DRV
Current Control
LEB
ILIMIT
UP_CLAMP
PWM
Stop
Over-
Voltage
Protection
SCL
I2C Control
SDA
Protection
OTP
LED_SHORT
LED_OPEN
FT
ILIMIT
ISET
VREF
AGND
PGND
Figure 2: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com