Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3385AGR Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP3385AGR
Description  4-String, 80V Output, WLED Controller with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3385AGR Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP3385AGR Datasheet HTML 14Page - Monolithic Power Systems MP3385AGR Datasheet HTML 15Page - Monolithic Power Systems MP3385AGR Datasheet HTML 16Page - Monolithic Power Systems MP3385AGR Datasheet HTML 17Page - Monolithic Power Systems MP3385AGR Datasheet HTML 18Page - Monolithic Power Systems MP3385AGR Datasheet HTML 19Page - Monolithic Power Systems MP3385AGR Datasheet HTML 20Page - Monolithic Power Systems MP3385AGR Datasheet HTML 21Page - Monolithic Power Systems MP3385AGR Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
MP3385A – 4-STRING WLED CONTROLLER WITH I
2C INTERFACE
MP3385A Rev. 1.01
www.MonolithicPower.com
18
8/29/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Table 2: Operation Frequency Register
Addr: 0x01
Bit
Bit Name
Access
Default
Description
7
OCPM
RW
0b
Mode selection bit for cycle-by-cycle current limit.
0 = latch-off mode current limit
1 = recoverable mode current limit
4:6
LEDS2:0
RW
100b
LED short protection threshold. 1V/step. Default value is 8V.
000 = 4V
001 = 5V
111 = 11V
3:0
FS3:0
RW
0100b
Boost converter operation frequency set bits. Default frequency
is 400kHz.
0000b = boost converter off
0001b = 100kHz
0010b = 200kHz
0011b = 300kHz
0100b = 400kHz
0101b = 500kHz
0110b = 600kHz
0111b = 700kHz
1000b = 800kHz
1001b = 900kHz
Table 3: LED Current Full-Scale Register
Addr: 0x02
Bit
Bit Name
Access
Default
Description
7:0
ILED7:0
RW
00111011b
LED current full scale set bits. The set value corresponds to the
2%-100% external setting current value by a resistor. 0.39% per
step. The default value is 25%.
00000000b = 2%
11111111b = 100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com