Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3385AGR Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MP3385AGR
Description  4-String, 80V Output, WLED Controller with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3385AGR Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MP3385AGR Datasheet HTML 17Page - Monolithic Power Systems MP3385AGR Datasheet HTML 18Page - Monolithic Power Systems MP3385AGR Datasheet HTML 19Page - Monolithic Power Systems MP3385AGR Datasheet HTML 20Page - Monolithic Power Systems MP3385AGR Datasheet HTML 21Page - Monolithic Power Systems MP3385AGR Datasheet HTML 22Page - Monolithic Power Systems MP3385AGR Datasheet HTML 23Page - Monolithic Power Systems MP3385AGR Datasheet HTML 24Page - Monolithic Power Systems MP3385AGR Datasheet HTML 25Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
MP3385A – 4-STRING WLED CONTROLLER WITH I
2C INTERFACE
MP3385A Rev. 1.01
www.MonolithicPower.com
24
8/29/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUIT
0
R17
4.7
50V
C1
220 F/50 V
C7
33 H/3.5 A
L1
B3 80
D1
4.
C2
22
100V
C9
NC
C8
0
R14
0
R15
0
R16
M1
100V/5A
168k
R2
0.4 7 F
C5
0.4 7 F
C3
4.5 V-3 3V
Up to 80V
SC L
6
PW M
5
LPF
9
EN
3
SD A
7
LED3
14
LED2
16
LED1
17
OVP
18
PGN D
15
MP3385A
U1
AGND
AGND
100k
R3
AGND
GND
AGND
0
R5
270
R4
470nF
C4
AGND
2k
R6
100k
R7
AGND
100k
R8
100k
R9
100k
R1 3
2k
R1 2
AGND
AGND
AGND
PGND
PGND
PGND
PGND
NC
C6
100k
R18
VC C
0
R20
10
R21
NC
R19
F1
AGND
50m
R1
0
R22
VCC
VCC
VIN
GND1
EN
SCL
GND2
SDA
PWM
LED+
LED1
LED2
LED3
LED4
FT
NC
C10
Figure 4: Driving 4 LED Strings
NOTE:
Remove the LPF capacitor (C5) when the MP3385A works in direct PWM dimming.
Some components value may need to be adjusted for different application condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com