Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3385AGR Datasheet(PDF) 22 Page - Monolithic Power Systems

Part # MP3385AGR
Description  4-String, 80V Output, WLED Controller with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3385AGR Datasheet(HTML) 22 Page - Monolithic Power Systems

Back Button MP3385AGR Datasheet HTML 17Page - Monolithic Power Systems MP3385AGR Datasheet HTML 18Page - Monolithic Power Systems MP3385AGR Datasheet HTML 19Page - Monolithic Power Systems MP3385AGR Datasheet HTML 20Page - Monolithic Power Systems MP3385AGR Datasheet HTML 21Page - Monolithic Power Systems MP3385AGR Datasheet HTML 22Page - Monolithic Power Systems MP3385AGR Datasheet HTML 23Page - Monolithic Power Systems MP3385AGR Datasheet HTML 24Page - Monolithic Power Systems MP3385AGR Datasheet HTML 25Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
MP3385A – 4-STRING WLED CONTROLLER WITH I
2C INTERFACE
MP3385A Rev. 1.01
www.MonolithicPower.com
22
8/29/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Usually, the switching current is used for peak-
current-mode control. To avoid reaching the
current limit, the voltage across the sensing
resistor (RSENSE) must be less than 70% of the
current-limit voltage (VSENSE), in the worst cases.
Calculate RSENSE and IL(PEAK) with Equation (7)
and Equation (8):
SENSE
SENSE
L(PEAK)
0.7 V
R
I
(7)
OUT
LOAD
IN
OUT
IN
L(PEAK)
IN
SW
OUT
VI
V
(V
V )
I
ηV2 L F
V



(8)
The current limit setting voltage (VSENSE) is set
by the OCP2:0 bits in register 05H.
Selecting the Power MOSFET
The MP3385A is capable of driving a wide
variety of N-channel power MOSFETS. The
critical parameters of selection for a MOSFET
are maximum drain-to-source voltage (VDS(MAX)),
maximum
current
(ID(MAX)), on resistance
(RDS(ON)), gate-source charge (QGS) and gate-
drain charge (QGD), and total gate charge (QG).
Ideally, the off-state voltage across the
MOSFET is equal to the output voltage.
Considering the voltage spike when it turns off,
VDS(MAX) should be greater than 1.5 times the
output voltage.
The maximum current through the power
MOSFET occurs at the minimum input voltage
and the maximum output power. The maximum
RMS current through the MOSFET is given by
Equation (9) and Equation (10):
RMS(MAX)
IN(MAX)
MAX
II
D

(9)
OUT
IN(MIN)
MAX
OUT
VV
D
V
(10)
The current rating of the MOSFET should be
greater than 1.5 times IRMS.
The on resistance of the MOSFET determines
the conduction loss, which can be calculated
with Equation (11):
k
R
I
P
(on)
DS
2
RMS
cond
(11)
Where k is the temperature coefficient of the
MOSFET.
The switching loss is related to QGD and QGS,
which determine the commutation time. QGS1 is
the charge between the threshold voltage and
the plateau voltage when a driver charges the
gate, which can be read in the VGS vs. QG chart
in the MOSFET datasheet. QGD is the charge
during
the
plateau
voltage.
These
two
parameters are needed to estimate turn-on and
turn-off losses and can be calculated with
Equation (12):
SW
IN
DS
PLT
DR
G
GD
SW
IN
DS
TH
DR
G
GS1
SW
f
I
V
V
V
R
Q
f
I
V
V
V
R
Q
P
(12)
Where VTH is the threshold voltage, VPLT is the
plateau voltage, RG is the gate resistance, and
VDS is the drain-source voltage.
Please note that calculating the switching loss
is the most difficult part of loss estimation. The
formula above provides a simplified equation.
For more accurate estimates, the equation
becomes much more complex. The total gate
charge (QG) is used to calculate the gate-drive
loss, shown in Equation (13):
SW
DR
G
DR
f
V
Q
P
(13)
Where VDR is the drive voltage.
Selecting the Output Capacitor
The output capacitor keeps the output voltage
ripple small and ensures feedback loop stability.
The output capacitor impedance must be low at
the switching frequency. Ceramic capacitors
with X7R dielectrics are recommended for their
low ESR characteristics. For most applications,
a 4.7μF ceramic capacitor in parallel with a
22μF electrolytic capacitor is sufficient.
Setting the Over-Voltage Protection (OVP)
Open-string protection is achieved through the
detection of the voltage on the OVP pin. In
some cases, an LED string failure results in the
feedback voltage always being zero. The
MP3385A continues boosting the output voltage
higher and higher. If the output voltage reaches
the programmed OVP threshold, the protection
is triggered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com