Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3385AGR Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP3385AGR
Description  4-String, 80V Output, WLED Controller with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3385AGR Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP3385AGR Datasheet HTML 16Page - Monolithic Power Systems MP3385AGR Datasheet HTML 17Page - Monolithic Power Systems MP3385AGR Datasheet HTML 18Page - Monolithic Power Systems MP3385AGR Datasheet HTML 19Page - Monolithic Power Systems MP3385AGR Datasheet HTML 20Page - Monolithic Power Systems MP3385AGR Datasheet HTML 21Page - Monolithic Power Systems MP3385AGR Datasheet HTML 22Page - Monolithic Power Systems MP3385AGR Datasheet HTML 23Page - Monolithic Power Systems MP3385AGR Datasheet HTML 24Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
MP3385A – 4-STRING WLED CONTROLLER WITH I
2C INTERFACE
MP3385A Rev. 1.01
www.MonolithicPower.com
20
8/29/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Table 6: OVP and OCP Threshold Register
Addr: 0x05
Bit
Bit Name
Access
Default
Description
7:3
OVP4:0
RW
11100b
Output over-voltage protection threshold setting based on the
OVP pin connected to the LED anode. 2V/step. Default value is
74V.
00000 = 18V
00001 = 20V
11100 = 74V
11111 = 80V
2:0
OCP2:0
RW
111b
Converter over-current protection threshold. 50mV/step. Default
value is 0.5V.
000 = 0.15V
111 = 0.5V
Table 7: Vendor ID Register
Addr: 0x06
Bit
Bit Name
Access
Default
Description
7:0
ID7:0
R
01h
Vendor ID information.
Returns 01H when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com