Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3385AGR Datasheet(PDF) 23 Page - Monolithic Power Systems

Part # MP3385AGR
Description  4-String, 80V Output, WLED Controller with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3385AGR Datasheet(HTML) 23 Page - Monolithic Power Systems

Back Button MP3385AGR Datasheet HTML 17Page - Monolithic Power Systems MP3385AGR Datasheet HTML 18Page - Monolithic Power Systems MP3385AGR Datasheet HTML 19Page - Monolithic Power Systems MP3385AGR Datasheet HTML 20Page - Monolithic Power Systems MP3385AGR Datasheet HTML 21Page - Monolithic Power Systems MP3385AGR Datasheet HTML 22Page - Monolithic Power Systems MP3385AGR Datasheet HTML 23Page - Monolithic Power Systems MP3385AGR Datasheet HTML 24Page - Monolithic Power Systems MP3385AGR Datasheet HTML 25Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
MP3385A – 4-STRING WLED CONTROLLER WITH I
2C INTERFACE
MP3385A Rev. 1.01
www.MonolithicPower.com
23
8/29/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
To ensure that the chip functions properly, an
appropriate OVP voltage is needed. The
recommended OVP point is about 1.1 to 1.2
times higher than the output voltage for normal
operation. If the OVP pin is connected to the
anode of the LED load, the OVP voltage is set
by the OVP4:0 bits in register 05H. It is not
recommended to set the OVP value higher than
80V, considering the LED return pin voltage
rating.
If the MP3385A is applied for >80V output
voltage
applications
through
an
external
extension, connect a proper resistor (ROVP)
between the anode of the LED and OVP pins to
change the over-voltage point of the output
(VOVP). Calculate VOVP with ROVP with Equation
(14):
OVP
OVP
R(kΩ)+1600
V(V)=
*1.9
40
(14)
Where the OVP4:0 bit in register 05H is the set
default.
Expanding LED Channels
The MP3385A expands the number of LED
channels by using two or three ICs in parallel.
To connect two ICs for a total of eight LED
strings, tie the VCC pins of the master IC and
the slave IC together to power the slave IC
internal logic circuitry. Tie the COMP pins of the
slave IC and the master IC together to regulate
the voltage of all eight strings. The slave IC
MOSFET driving signals are not used. The
boost converter can be driven only by the
master IC. Do not leave IS of the slave IC
floating; tie it to ground. Apply the EN and DIM
signals to both ICs. The master IC's OVP
should be higher than the slave IC's OVP.
PCB Layout Guidelines
Efficient PCB layout is critical to reduce EMI
noise and achieve stable operation. For best
results, refer to the guidelines below.
1. Keep the loop from the external MOSFET
through the output diode and the output
capacitor as small and short as possible
since they carry a high-frequency pulse
current.
2. Separate the power ground (PGND) and
signal ground (GND).
3. Connect PGND and GND together. All logic
signals refer to the signal ground to reduce
noise affection.
4. Place the ceramic capacitors for VIN and
VCC as close as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com