Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3385AGR Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP3385AGR
Description  4-String, 80V Output, WLED Controller with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3385AGR Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP3385AGR Datasheet HTML 15Page - Monolithic Power Systems MP3385AGR Datasheet HTML 16Page - Monolithic Power Systems MP3385AGR Datasheet HTML 17Page - Monolithic Power Systems MP3385AGR Datasheet HTML 18Page - Monolithic Power Systems MP3385AGR Datasheet HTML 19Page - Monolithic Power Systems MP3385AGR Datasheet HTML 20Page - Monolithic Power Systems MP3385AGR Datasheet HTML 21Page - Monolithic Power Systems MP3385AGR Datasheet HTML 22Page - Monolithic Power Systems MP3385AGR Datasheet HTML 23Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
MP3385A – 4-STRING WLED CONTROLLER WITH I
2C INTERFACE
MP3385A Rev. 1.01
www.MonolithicPower.com
19
8/29/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
Table 4: Fault Indication Register
Addr: 0x03
Bit
Bit Name
Access
Default
Description
7
DIODEO_F
R
0b
Diode open fault indication bit.
1 = fault
0 = normal
6
OVP_F
R
0b
Output over-voltage fault indication bit.
1 = fault
0 = normal
5
OCP_F
R
0b
Converter over-current fault indication bit.
1 = fault
0 = normal
4
LEDS_F
R
0b
LED string short fault indication bit.
1 = fault
0 = normal
3
LEDO_F
R
0b
LED string open fault indication bit.
1 = fault
0 = normal
2
OTP_F
R
0b
IC over-temperature fault indication bit.
1 = fault
0 = normal
1:0
DIM1:0
R/W
11b
2 LSB bits of LED dimming brightness set bits.
Table 5: Internal LED Dimming Brightness Register
Addr: 0x04
Bit
Bit Name
Access
Default
Description
7:0
DIM9:2
RW
7Fh
8 MSB bits of LED dimming brightness set bits.
0.098% per step. Default value is 50% dimming brightness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com