Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3385AGR Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MP3385AGR
Description  4-String, 80V Output, WLED Controller with I2C Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3385AGR Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MP3385AGR Datasheet HTML 17Page - Monolithic Power Systems MP3385AGR Datasheet HTML 18Page - Monolithic Power Systems MP3385AGR Datasheet HTML 19Page - Monolithic Power Systems MP3385AGR Datasheet HTML 20Page - Monolithic Power Systems MP3385AGR Datasheet HTML 21Page - Monolithic Power Systems MP3385AGR Datasheet HTML 22Page - Monolithic Power Systems MP3385AGR Datasheet HTML 23Page - Monolithic Power Systems MP3385AGR Datasheet HTML 24Page - Monolithic Power Systems MP3385AGR Datasheet HTML 25Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
MP3385A – 4-STRING WLED CONTROLLER WITH I
2C INTERFACE
MP3385A Rev. 1.01
www.MonolithicPower.com
21
8/29/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Switching Frequency
The operation frequency of the converter
depends on both the resistor at OSC and the
FS3:0 bit in register 01H. If a 100kΩ resistor is
selected for ROSC (connected to OSC), the
switching frequency is set from 100kHz to
900kHz by the I2C interface. 0001b to 1001b
corresponds to 100kHz to 900kHz, respectively.
Table 8 shows the list of switching frequencies.
Table 8: Switching Frequencies
FS3:0
Switching Frequency
Unit
0000b
Converter off
0001b
100
kHz
0010b
200
0011b
300
0100b
400
0101b
500
0110b
600
0111b
700
1000b
800
1001b
900
Without the I2C interface, an oscillator resistor
on OSC sets the internal oscillator frequency for
the step-up converter according to Equation (1):
SW
OSC
40000
F(kHz)
R(k )
(1)
When ROSC = 100kΩ, then FSW = 400kHz.
Setting the LED Current
The current of each LED string is set through
the current setting resistor on ISET and the full
scale LED current setting bits ILED7:0 in Table
3. When the INTERFACE bit in 00H is 0, the
LED current is dependent on the input PWM
dimming duty cycle. Calculate the setting
formula using Equation (2):
FullScale
ISET
20196
ILED(mA)
*K
R(k )
(2)
When the INTERFACE bit in 00H is 1, calculate
the setting formula using Equation (3):
DIM
FullScale
ISET
20196
ILED(mA)
* K
*K
R(k )
(3)
Where KFullScale is the ratio, which is set by the
full scale LED current setting bits ILED7:0 in
02H, and KDIM is the ratio, which is set by the
dimming current setting bits DIM9:0 in 03H and
04H.
Without the I2C interface, the current of each
LED string is set through the resistor on ISET
according to Equation (4):
ISET
4633
ILED(mA)
R(k )
(4)
For RISET = 46.4kΩ, the LED current is set to
100mA. Do not leave ISET open.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. The input capacitor
impedance at the switching frequency should
be less than the input source impedance to
prevent high-frequency switching current from
passing
through
to
the
input.
Ceramic
capacitors with X5R or X7R dielectrics are
recommended for their low ESR and small
temperature coefficients. For most applications,
use a 4.7μF ceramic capacitor in parallel with a
220µF electrolytic capacitor.
Selecting the Inductor and Current Sensing
Resistor
A larger value inductor results in less ripple
current and lower peak inductor current, which
reduces stress on the N-channel MOSFET.
However, the larger-value inductor has a larger
physical size, a higher series resistance, and a
lower saturation current. Choose an inductor
that will not saturate under the worst-case load
conditions. Select the minimum inductor value
to ensure that the boost converter works in
continuous conduction mode (CCM) with high
efficiency and good EMI performance.
Calculate the required inductance value using
Equation (5) and Equation (6):
2
OUT
SW
LOAD
η V
D (1D)
L
2
f
I

 

(5)
IN
OUT
V
D1
V

(6)
Where VIN is the input voltage, and VOUT is the
output voltage, fSW is the switching frequency,
ILOAD is the LED load current, and η is the
efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com