Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5018GD Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5018GD
Description  5V, 1A-5A Current Limit Switch with Reverse Current Blocking and Output Over-voltage Clamp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5018GD Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5018GD Datasheet HTML 1Page - Monolithic Power Systems MP5018GD Datasheet HTML 2Page - Monolithic Power Systems MP5018GD Datasheet HTML 3Page - Monolithic Power Systems MP5018GD Datasheet HTML 4Page - Monolithic Power Systems MP5018GD Datasheet HTML 5Page - Monolithic Power Systems MP5018GD Datasheet HTML 6Page - Monolithic Power Systems MP5018GD Datasheet HTML 7Page - Monolithic Power Systems MP5018GD Datasheet HTML 8Page - Monolithic Power Systems MP5018GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MP5018 –5V, 1A-5A CURRENT LIMIT SWITCH WITH REVERSE CURRENT BLOCKING
AND OUTPUT OVER-VOLTAGE CLAMP
MP5018 Rev. 1.02
www.MonolithicPower.com
4
3/23/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5V, TJ =25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Over Voltage Response
Time
(5)
tOV
Cout=20uF, VIN=5V to 12V
10
40
μs
Thermal Shutdown
Shutdown Temperature
(5)
tSTD
Latched off until Enable = 0,
SAS = 1, POR
130
175
200
°C
Enable/Fault
Low Level Input Voltage
VIL
UVLO, SAS Disable
0.35
0.8
V
Intermediate Level Input
Voltage
VI (INT)
Thermal fault, fast reverse
current limit
0.9
1.3
1.95
V
High Level Input Voltage
VIH
Output Enabled
2.1
3.3
V
Maximum High State
VENH
3.4
5.2
V
Logic Low Sink Current
IEH_PL
EN=0V
-12
-20
μA
Logic Level High Current
IH
EN = 3.3V
1
μA
Maximum Fanout for Fault
Signal
Total number of chips that
can be connected for
simultaneous shutdown
3
Units
SAS Disable
Low Level Input Voltage
VENN_L
EN=1, Output enabled
0.35
0.7
V
High Level Input Voltage
VENN_H
Output Disabled, EN=low
2.1
V
Maximum pin voltage
SASHmax
3.3
V
Input Impedance
RENN
To GND
350
700
1000
kΩ
Deglitch Filter
tSASDG
2
50
μs
Notes:
5) Guarantee by characterization test.
6) Guarantee by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com