Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5018GD Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5018GD
Description  5V, 1A-5A Current Limit Switch with Reverse Current Blocking and Output Over-voltage Clamp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5018GD Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5018GD Datasheet HTML 7Page - Monolithic Power Systems MP5018GD Datasheet HTML 8Page - Monolithic Power Systems MP5018GD Datasheet HTML 9Page - Monolithic Power Systems MP5018GD Datasheet HTML 10Page - Monolithic Power Systems MP5018GD Datasheet HTML 11Page - Monolithic Power Systems MP5018GD Datasheet HTML 12Page - Monolithic Power Systems MP5018GD Datasheet HTML 13Page - Monolithic Power Systems MP5018GD Datasheet HTML 14Page - Monolithic Power Systems MP5018GD Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
MP5018 –5V, 1A-5A CURRENT LIMIT SWITCH WITH REVERSE CURRENT BLOCKING
AND OUTPUT OVER-VOLTAGE CLAMP
MP5018 Rev. 1.02
www.MonolithicPower.com
12
3/23/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
EN Control/Fault Indication
The EN Pin enables the part when high and
disables the part when low. Floating the EN pin
will set the part auto startup because there is
internal current source pull up EN to internal
supply. The maximum internal pull up voltage
source is about 5V. EN/Fault pin is also a bi-
directional function node. When the part
entersthermal shutdown, EN/Fault pin outputs
middle level voltage ~1.3V to indicate fault
condition occurred. When VIN<UVLO threshold
or the SAS pin is high, the EN pin will be pulled
to GND through an internal resistor.
Table 1: Enable/Fault Function
Description
Enable/Fault
EFuse State
Latch
Under Voltage Lock Out
Low
Off
No
SAS = High
Low
Off
No
Thermal Shutdown
Mid
Off
Yes
Reverse Current Protection
Mid
Off
No (part restarts when
VCC>VOUT -2mV)
SAS Floating
High
On
N/A
SAS = Low
High
On
N/A
SAS Control
The SAS pin also can control the part startup
and shutdown. When floating this pin or pull it
low, it enables the part and disables the part
when pull high.
Soft-Start
Floating SS pin can get 13ms soft start time.
While a capacitor connected to the SS pin can
set the soft start time. A constant current source
charges the SS capacitor and results in a linear
ramping voltage on the SS pin. The output
voltage rises at a similar slew rate to the SS
voltage.
The soft-start time can be calculated as follows:
ss
ss
1V C (nF)
t(ms)
6.5 A
×
=
μ
Where:
tSS=soft start time
For example, a 22nF capacitor gives a soft start
time of ~3.4ms.
If the load capacitance is extremely large, the
current required to maintain the preset soft start
time will exceed the current limit. In this case
the rise time is controlled by the load capacitor
and the current limit.
Thermal Shutdown – Latch Off
Thermal shutdown prevents the chip from
operating at exceedingly high temperature.
When the silicon die reaches temperature that
exceeds 175°C, it shuts down the whole chip,
and drives the Enable/Fault line to the middle
(MID) level. The chip is latched off after trigger
the thermal protection and it restarts when
toggle the EN or SAS or recycle the input
supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com