Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5018GD Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP5018GD
Description  5V, 1A-5A Current Limit Switch with Reverse Current Blocking and Output Over-voltage Clamp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5018GD Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP5018GD Datasheet HTML 7Page - Monolithic Power Systems MP5018GD Datasheet HTML 8Page - Monolithic Power Systems MP5018GD Datasheet HTML 9Page - Monolithic Power Systems MP5018GD Datasheet HTML 10Page - Monolithic Power Systems MP5018GD Datasheet HTML 11Page - Monolithic Power Systems MP5018GD Datasheet HTML 12Page - Monolithic Power Systems MP5018GD Datasheet HTML 13Page - Monolithic Power Systems MP5018GD Datasheet HTML 14Page - Monolithic Power Systems MP5018GD Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
MP5018 –5V, 1A-5A CURRENT LIMIT SWITCH WITH REVERSE CURRENT BLOCKING
AND OUTPUT OVER-VOLTAGE CLAMP
MP5018 Rev. 1.02
www.MonolithicPower.com
14
3/23/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
C1
10 F
C3
22 F
SS
EN/FAULT
SAS
ILIMIT
GND
VOUT
VOUT
VOUT
R1
(Optional)
VIN
VOUT
1
2
3
4
5
7
8
9
10
11
12, Pad
Power_dn
Enable
NC
6
VCC
VCC
VCC
C2
(Optional)
MP5018
Figure 4: 5V VIN Application
MP5018
C3
10 F
C4
22 F
SS
EN/ FAULT
SAS
ILIMIT
GND
VOUT
VOUT
VOUT
R1
(Optional)
5V
Vout2
1
2
3
4
5
7
8
9
10
11
12, Pad
Power_dn
NC
6
VCC
VCC
VCC
C5
(Optional)
MP5000S
C1
10 F
C2
22 F
GND
dv/dt
Source
Rlimit
Vout1
5
4
3
2
1
10
9
8
7
6
N/C
I-Limit
Enable/Fault
Source
Source
Source
Source
VCC
11
12V
Cdv/dt
Figure 5: Simultaneous Shutdown Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com