Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5018GD Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP5018GD
Description  5V, 1A-5A Current Limit Switch with Reverse Current Blocking and Output Over-voltage Clamp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5018GD Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP5018GD Datasheet HTML 5Page - Monolithic Power Systems MP5018GD Datasheet HTML 6Page - Monolithic Power Systems MP5018GD Datasheet HTML 7Page - Monolithic Power Systems MP5018GD Datasheet HTML 8Page - Monolithic Power Systems MP5018GD Datasheet HTML 9Page - Monolithic Power Systems MP5018GD Datasheet HTML 10Page - Monolithic Power Systems MP5018GD Datasheet HTML 11Page - Monolithic Power Systems MP5018GD Datasheet HTML 12Page - Monolithic Power Systems MP5018GD Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MP5018 –5V, 1A-5A CURRENT LIMIT SWITCH WITH REVERSE CURRENT BLOCKING
AND OUTPUT OVER-VOLTAGE CLAMP
MP5018 Rev. 1.02
www.MonolithicPower.com
9
3/23/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 2, 3
VCC
Supply Voltage. The MP5018 support 4.5V to 5.5V continuous input voltage and up to
16V maximum transient input voltage. Requires ceramic capacitor to decouple the input
rail. Connect using a wide PCB trace.
4
SAS
SAS=low to enable the part. SAS=high to disable the part. SAS pin has internal 700kΩ
pull-down resistor to ground, so it can automatically start up when SAS is floating.
5
EN/FAULT
The EN/FAULT pin is a tri-state, bi-directional interface. It can be used to enable the
output of the device by floating the pin, or disable the chip by pulling it to ground (using
an open drain or open collector device). If a thermal fault occurs or reverse current limit
is triggered, the voltage on this pin will go to an intermediate state to signal a monitoring
circuit that there is a device fault. When UVLO or SAS disable = 1, the voltage on this pin
will go to a low state. It can also be connected to another device in this family to cause a
simultaneous shutdown.
6
NC
No Connection.
7
SS
Soft start pin. Connect a capacitor from SS to ground to set the soft start time. Floating
this pin provides 13ms soft start time.
8
ILIMIT
Current Limit Set pin. Place a resistor between this pin and ground to set the value of the
current limit. Floating this pin provides 3A fixed current limit.
9, 10,
11
VOUT
The output voltage that is controlled by the IC.
12, Pad
GND
System Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com