Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5018GD Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP5018GD
Description  5V, 1A-5A Current Limit Switch with Reverse Current Blocking and Output Over-voltage Clamp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5018GD Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP5018GD Datasheet HTML 7Page - Monolithic Power Systems MP5018GD Datasheet HTML 8Page - Monolithic Power Systems MP5018GD Datasheet HTML 9Page - Monolithic Power Systems MP5018GD Datasheet HTML 10Page - Monolithic Power Systems MP5018GD Datasheet HTML 11Page - Monolithic Power Systems MP5018GD Datasheet HTML 12Page - Monolithic Power Systems MP5018GD Datasheet HTML 13Page - Monolithic Power Systems MP5018GD Datasheet HTML 14Page - Monolithic Power Systems MP5018GD Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP5018 –5V, 1A-5A CURRENT LIMIT SWITCH WITH REVERSE CURRENT BLOCKING
AND OUTPUT OVER-VOLTAGE CLAMP
MP5018 Rev. 1.02
www.MonolithicPower.com
11
3/23/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP5018 is designed to limit the inrush
current to the load when a circuit card inserts
into a live backplane power source, thereby
limiting the backplane’s voltage drop and the
dV/dt of the voltage to the load as well. It offers
an integrated solution to monitor the input
voltage, output voltage, output current, and die
temperature which eliminates the requirement
of external current sense power resistor, power
MOSFET and thermal sense device.
Under-Voltage Lockout (UVLO)
If the supply voltage is below the UVLO
threshold, the output is disabled, and the
EN/Fault line is driven low. When the supply
goes above the UVLO threshold, the output is
enabled and the EN/Fault is pulled high.
The nominal input supply voltage is 5V but
there are high energy transients during normal
operation or during hot swap. Those transients
depend on the parasitic inductance and
resistance of the wire along with capacitor at
VCC node. If power clamp (TVS, Tranzorb)
diode is not used, E-Fuse must be able to
withstand this transient voltage. MP5018
integrates high voltage MOSFET up to 16V and
also uses high voltage circuit for VCC node to
guarantee safe operation.
Fast Output over Voltage Clamp (OVP)
To protect the downstream loading when there
is a surge voltage at input, MP5018 provides an
accurate and fast comparator to monitor the
over voltage condition of output. If the output
voltage rises above the threshold (5.8V), the
gate of internal MOSFETs is quickly pulled
down and it’s regulated to a certain value to
maintain the output voltage clamped at 5.8V.
The fast loop response speed (10µs typical)
keeps the over voltage overshoot small.
Current Limit
The MP5018 provides a constant current limit
and the current limit can be programmed by
external resistor. Once the current limit
threshold is reached, the internal circuit will
regulate gate voltage to hold the current in
power FET constantly. In order to limit the
current, the gate to source voltage needs to be
regulated from 5V to around 1V. The typical
response time is about 10µs, during this period
the output current may have a small overshoot.
The desired current limit is a function of the
external current limit resistor.
MP5018 allows ILIMIT pin floating operation. If
ILIMIT pin is floating, the current limit will be set
as fixed 3A internally.
Reverse Current Blocking
The MP5018 integrates a pair of back-to-back
N channel MOSFETs for reverse current
protection. Once the reverse current limit
threshold (-1.2A) is reached and exceed 7μs
deglitch time, the internal circuit will shutdown
the pair of MOSFETs. Meanwhile, the EN/Fault
line is driven to middle level; reverse current is
totally blocked and this state continues until
VCC > VOUT-2mV. When VCC >VOUT-2mV,
part resumes normal operation with soft-start
control. Whenever the input voltage drops
below UVLO threshold, back-to-back MOSFETs
are turned off and the part is shut down;
therefore, there is no reverse current during this
condition.
Short Circuit Protection
If the load current increases rapidly due to short
circuit event, the current may exceed the
current limit threshold before control loop able
to respond. If the current reaches 12A
secondary current limit level, there is a fast turn
off circuit active to turn off the power FET with
100mA pull-down gate discharge current, as
shown in Figure 1. This can help to limit the
peak current through the switch, thus keep the
input voltage not drop too much. The total short
circuit response time is about 1µs. After the
FET is switched off, the part will restart. During
the restart process, if the short still exist,
MP5018 will regulate the gate voltage to hold
the current at normal current limit level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com