Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5018GD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5018GD
Description  5V, 1A-5A Current Limit Switch with Reverse Current Blocking and Output Over-voltage Clamp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5018GD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5018GD Datasheet HTML 1Page - Monolithic Power Systems MP5018GD Datasheet HTML 2Page - Monolithic Power Systems MP5018GD Datasheet HTML 3Page - Monolithic Power Systems MP5018GD Datasheet HTML 4Page - Monolithic Power Systems MP5018GD Datasheet HTML 5Page - Monolithic Power Systems MP5018GD Datasheet HTML 6Page - Monolithic Power Systems MP5018GD Datasheet HTML 7Page - Monolithic Power Systems MP5018GD Datasheet HTML 8Page - Monolithic Power Systems MP5018GD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP5018
5V, 1A-5A Current Limit Switch
with Reverse Current Blocking
and Output Over-voltage Clamp
MP5018 Rev. 1.02
www.MonolithicPower.com
1
3/23/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP5018 is a protection device designed to
protect circuitry on the output from transients on
input (VCC). It also protects VCC from undesired
shorts and transients coming from the output.
At startup, inrush current is limited by the slew
rate at the output. The slew rate is controlled by
a small capacitor at the SS pin. Floating the SS
pin provides 13ms soft-start time.
The maximum load at the output is current
limited. The magnitude of the current limit is
controlled by an external resistor from ILIMIT to
GND. Floating ILIMIT pin provides 3A fixed
current limit. By controlling the gate voltage of a
pair of N-channel MOSFETs, any current
flowing from output to input is blocked.
Under Voltage Lockout (UVLO) assures that
input is above the minimum operating threshold,
before the power device is turned on. If input
voltage goes above 5.8V, the output voltage will
be limited at 5.8V with fast response.
The EN/Fault pin is a bi-directional, three-level
I/O with a weak pull-up. It can be used to
enable or disable MP5018, or indicate a fault
condition.
The device is available in a QFN12 (2mmx3mm)
package.
FEATURES
• SAS Disable to support DEVSLP or
POWER_DOWN
• 4.5V to 5.5V Continued Operating Input
Range
• 16V Absolute Maximum Input Voltage
• 5.8V Fast OVP Response
• Reverse Current Blocking
• Integrated 45mΩ Power FET
• Adjustable Current-Limit or Fixed Current
Limit when floating ILIMIT pin
• 210μA Typical Low Quiescent Current
• Adjustable Soft Start time
• Fault Indication
• Latch-off Thermal Protection
• Available in QFN12(2mmx3mm) Package
• ESD Compliant to 2kV HBM and 1kV
CDM
APPLICATIONS
• HDD, SSD
• Hot Swap Systems
• Gaming
• Set-top Boxes/Smart TV
• PCIe Cards
• Switches/Routers
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP5018GD

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MP501 MCC-MP501 Datasheet
77Kb / 2P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
MP501 MCC-MP501 Datasheet
199Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Leshan Radio Company
MP501 LRC-MP501 Datasheet
193Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Shanghai Shunye Electro...
MP501 SHUNYE-MP501 Datasheet
221Kb / 2P
PRESS-FIT MOTOLOLA DIODES
logo
Micro Commercial Compon...
MP501 MCC-MP501 Datasheet
417Kb / 3P
50 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - MP5018GD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5010A MPS-MP5010A Datasheet
808Kb / 15P
3V-18V, 1A-5A Programmable-Current- Limit Switch with Over-Voltage Clamp
MP5010B MPS-MP5010B Datasheet
520Kb / 15P
3V-18V, 1A-5A Programmable-Current- Limit Switch with Over-Voltage Clamp
logo
SHANGHAI BELLING CO., L...
BL2556 BELLING-BL2556 Datasheet
469Kb / 4P
1A USB Load Current Switch with 5V Output Voltage Limit
logo
Monolithic Power System...
MP5001 MPS-MP5001 Datasheet
737Kb / 12P
5V, 1A- 5A Programmable Current Limit Switch
MP5007 MPS-MP5007 Datasheet
586Kb / 11P
5V, 1A- 5A Programmable Current Limit Switch
MP5010 MPS-MP5010 Datasheet
978Kb / 12P
5V, 1A- 5A Programmable Current Limit Switch
MP5010S MPS-MP5010S Datasheet
782Kb / 13P
5V, 1A- 5A Programmable Current Limit Switch
MP5016 MPS-MP5016 Datasheet
1Mb / 16P
2.7 - 15V, 0.7 - 5A, Current Limit Switch with Over-Voltage Clamp and Reverse Blocking
MP5016H MPS-MP5016H Datasheet
1Mb / 17P
2.7 - 22V, 0.7 - 5A, Current Limit Switch with Over-Voltage Clamp and Reverse Block
MP5017 MPS-MP5017 Datasheet
735Kb / 17P
3V-.5.5V, 1A ??5A Current Limit Switch with Over-Voltage Clamp and Reverse Blocking in 2mmx3mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com