Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5018GD Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP5018GD
Description  5V, 1A-5A Current Limit Switch with Reverse Current Blocking and Output Over-voltage Clamp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5018GD Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP5018GD Datasheet HTML 6Page - Monolithic Power Systems MP5018GD Datasheet HTML 7Page - Monolithic Power Systems MP5018GD Datasheet HTML 8Page - Monolithic Power Systems MP5018GD Datasheet HTML 9Page - Monolithic Power Systems MP5018GD Datasheet HTML 10Page - Monolithic Power Systems MP5018GD Datasheet HTML 11Page - Monolithic Power Systems MP5018GD Datasheet HTML 12Page - Monolithic Power Systems MP5018GD Datasheet HTML 13Page - Monolithic Power Systems MP5018GD Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MP5018 –5V, 1A-5A CURRENT LIMIT SWITCH WITH REVERSE CURRENT BLOCKING
AND OUTPUT OVER-VOLTAGE CLAMP
MP5018 Rev. 1.02
www.MonolithicPower.com
10
3/23/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
Charge
Pump
LDO
Current
Sense
1V
Ref
ILIMIT
VOUT
SS
Control Logic
UVLO
OVP
1.23V
EN/FAULT
4uA
8uA
80KΩ
VDD
GND
Fast Off Comp
Current Limit Amp
Soft Start
Thermal
Sense
Reverse
Comp
X10
VOUT
SAS
VDD
FLT
Logic
13ms
0.7MΩ
VDD
Logic for
ILIMIT floating
VCC
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com