Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-DCA/VGA-E01 Datasheet(PDF) 54 Page - STMicroelectronics

Part # STV-DCA/VGA-E01
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/VGA-E01 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STV-DCA/VGA-E01 Datasheet HTML 50Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 51Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 52Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 53Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 54Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 55Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 56Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 57Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
PRELIMINARY
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
STV0680A + VV6444/6410/6500
CDSTV0680F-C
Commercial in confidence
54
STV0680F_500_pckg.fm
12. VV6500 Pinout and pin descriptions (48pin LCC package)
12.1 Pinout
Figure 11 : 48 pin LCC package pin assignment
RESET
D[1]
D[2]
D[3]
D[4]
VBLOOM
VDDHI
VCMTCAS
SUSPEND
7
8
6
5
4
3
2
1
48
47
46
45
44
42
41
38
9
10
11
12
13
14
15
16
17
19
20
21
22
23
24
25
26
27
28
29
32
33
34
35
36
37
LST/D[5]
FST/D[6]
C LK I/C LK IP
D[7]
QCK
40
39
18
30
31
43
VBLTW
D[0]
SDA
POR
VID3V3
AVSS
SCL
NC
NC
CLKIN
VV6500
48LCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com