Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-DCA/VGA-E01 Datasheet(PDF) 45 Page - STMicroelectronics

Part # STV-DCA/VGA-E01
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/VGA-E01 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STV-DCA/VGA-E01 Datasheet HTML 41Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 42Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 43Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 44Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 45Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 46Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 47Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 48Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
STV0680A + VV6444/6410/6500
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
PRELIMINARY
CDSTV0680F-C
Commercial in confidence
45
STV0680F_444pckg.fm
10.1 VV6444 Pin Listing
Pin
Name
Type
Description
POWER SUPPLIES
1
AVCC
PWR
Core analogue power and reference supplies.
48
AGND
GND
Core analogue ground and reference supplies.
43
DVDD
PWR
Core digital power.
44
DVSS/Dsub
GND
Core digital ground.
6
AVDD
PWR
Output stage power.
5
AVSS
GND
Output stage ground.
7
VVDD
PWR
Analogue output buffer power.
9
VVSS
GND
Analogue output buffer ground.
14
ADCVDD
PWR
ADC power.
10
ADCVSS
GND
ADC ground.
19
VDD1
PWR
Digital padring & logic power.
30
VDD2
PWR
Digital padring & logic power.
36
VDD3
PWR
Digital padring & logic power.
20
VSS1
GND
Digital padring & logic ground.
29
VSS2
GND
Digital padring & logic ground.
37
VSS3
GND
Digital padring & logic ground.
ANALOGUE SIGNALS
45
VBLOOM
OA
Anti-blooming pixel reset voltage
46
VBLTW
OA
Bitline test white level reference
47
VBG
OA
Internally generated bandgap reference voltage 1.22V
2VCM/
VREF2V5
OA
Common-mode input for OSA and Internally generated 2.5 V reference
voltage.
3
VRT
IA
Pixel reset voltage
4
VCDSH
IA
VCDS
11
ADCbot
IA
Bottom voltage reference for ADC
13
ADCtop
IA
Top voltage reference for ADC
13
TopRef
OA
Internally generally top voltage reference for ADC
Pin
Name
Type
Description
DIGITAL CONTROL SIGNALS
12
HOLDPIX
ID
↓
Test Pin - do not use
15
SIN
ID
↓
Frame timing reset (soft reset).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com