Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-DCA/VGA-E01 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STV-DCA/VGA-E01
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/VGA-E01 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STV-DCA/VGA-E01 Datasheet HTML 38Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 39Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 40Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 41Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 42Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 43Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 44Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 45Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 60 page
background image
PRELIMINARY
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
STV0680A + VV6444/6410/6500
CDSTV0680F-C
Commercial in confidence
42
STV0680F_contents.fm
Table 25 : STV0680A + VV6410/6500: Parts list (2)
Bill of materials for DCA1+VV6410/6500 camera
Rev 0.1, 23rd Dec 1999
6v battery and power supply option 2 (using external 3v3 Vreg) assumed.
Non-populated options shown with grey background.
Preliminary
Page 2
#QTYREFDES
DEVICE
PACKAGE
VALUE
COST
NOTES
29
1 R56
RES
805
OR
Option 1 only
29
1 R15
RES
805
OR
For camera with no RS232
30
1 R17
RES
805
33R
32
2 R19,R20
RES
805
24R
33
1 R22
RES
805
120K
34
9 R24,R26,R27,
RES
805
0R
R24 fitting depends on flicker frequency
R37,R38,R42,
R43,R44,R51,R52
Fit R51 or R52, not both
35
8 R25,R28,R29,
RES
805
10K
R25 fitting depends on flicker frequency
R31,R32,R33,
R31, 32, 33, 34, 35 only for RS232
R34,R35
35
1 R41
RES
805
10K
R41 only required for option 2
36
1 R30
RES
805
2K2
Only for RS232
37
1 R36
RES
805
680R
38
2 R39,R40
RES
805
4K7
39
1 R50
RES
805
390R
R50 only required for option 1
41
1 SW1
TOGGLE_S WI SWITCH
Optional battery off switch when not in use
(would lose stored images)
42
2 SW2,SW3
PUSH_SWI TC FARNELL_
58
Push button switches
43
1 T1
PIEZO
FARNELL_9
26
44
6 TP1,TP2,TP3,
TESTPOIN
T TP
Only required for RS232
TP4,TP5,TP6
camera with USB prodn. Test
45
1 U1
3V3REG
SOT89
MC78FC33HT1
Only required for option 2
Could use TO92 instead
46
1 U2
VV6500
48LCC
VGA sensor (different foortprint to VV6410)
Only require U2 or U6
47
1 U3
STV0680
100QFP
Future replacement STV0680A for VfW
48
1 U4
GM72V661
64 400MIL_TSOP
SDRAM dual footprint is possible for U4 and U5
49
1 U5
GM72V161
62 400MIL_TSOP
Preferred SDRAM has low self refresh Idd.
e.g. (16Mbit) LGM72V16162ET75
Hyundai
HY57V161610DTC-7
Micron
MT48LC1M16A1TG S
50
1 U6
VV6410
36LCC
CIF sensor (different footprint to VV6500)
Only require U2 or U6
51
1 U8
VOLTAGE
SOP-23
2.7v
e.g. TELCOM TC54VC2702ECB
DETECTOR
threshold
RICOH Rx5VLxxC SERIES
52
1 X1
XTAL
HC49U
12MHZ
53
1 Lens
Lens with IR filter
Total (Page 2)
Not all compatible memory chips exhibit a low enough self-refresh current to meet the target current for
USB suspend mode (see Table 21). Two memory types have been suggested in Table 25, based on
limited evaluation by ST, however this does not constitute a full characterisation, and no guarantees can
be made that the self-refresh current consumption will match the target for USB suspend mode in all
cases. Please consult the memory manufacturer for precise information.
! Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com