Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-DCA/VGA-E01 Datasheet(PDF) 41 Page - STMicroelectronics

Part # STV-DCA/VGA-E01
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/VGA-E01 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STV-DCA/VGA-E01 Datasheet HTML 37Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 38Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 39Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 40Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 41Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 42Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 43Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 44Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
PRELIMINARY
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
STV0680A + VV6444/6410/6500
CDSTV0680F-C
Commercial in confidence
41
STV0680F_contents.fm
9.2
Example Parts List
The following is taken from STV0680A + VV6410/6500 Ref Design Manual Rev 0.1.
Table 24 : STV0680A + VV6410/6500: Parts list (1)
Bill of materials for DCA1+VV6410/6500 camera
Rev 0.1, 23rd Dec 1999
6v battery and power supply option 2 (using external 3v3 Vreg) assumed.
Non-populated options shown with grey background.
Preliminary
Page 1
#QTYREFDES
DEVICE
PACKAGE
VALUE
COST
NOTES
1
1 B1
BATTERY
Up to 9v with option 2
1
1 B1
BATTERY
Up to 6v with option 1
2
1 C1
CAP
805
10N
3
2 C3, C4
CAP
805
100N
C3, C4 option 2 only
3 22 C2,C7,
CAP
805
100N
C8,C10,C11,
C12,C13,C14,
C17,C18,C20,
C21,C23,C24,
C25,C27,C28,
C29,C30,C31,
C32,C33
3
1 C37
CAP
805
100N
C37 for option 1 only
4
2 C5,C6
CAP
805
22P
5
2 C15,C16
CAP
805
1U
6
2 C19,C26
CAP
805
220P
7
1 C22
CAP
805
220N
8
1 C34
ECAP
T/H
10U
8
2 C35,C36
ECAP
T/H
10U
C35, C36 option 2 only
9
1 D1
1N4001
DO41
1N4001
Gen purpose if 4 x AA or AAA batteries
9
1 D1
Schottky
DO41
Schottky
Only use schottky if 3 x AA or AAA batteries
10
1 D2
DIODE
SOT23
BAS116
Must be low leakage
11
2 D3,D4
DIODE
SOT23
BAS16
Only for RS232
12
3 F1,F2,F3
FERRITE
805
May be required for FCC compliance
13
1 J1
USB_CON
CON_USB_4 P_ TYPE_B
Must be Type B for USB compliance
14
1 J2
JACK_SKT SCJ-0355-
B
Only for RS232
15
1 LCD1
2DIGITLC
16
1 LED1
LED
2PINTHRU
Could be omitted for reduced current cons.
17
1 Q1
NPN
SOT23
BC848
Q1 only required for option 2
17
2 Q2,Q3
NPN
SOT23
BC848
18
1 Q4
NPN
SOT23
Only for RS232
19
1 Q5
PNP
SOT23
BCW61
Required for USB inrush protection
20
1 Q6
PNP
SOT23
Only for RS232
20
1 Q10
PNP
SOT23
Only required for option 1
21
1 Q7
SI2301DS
SOT23
Only required for option 2
21
1 Q8
SI2301DS
SOT23
Required for USB inrush protection
21
1 Q9
SI2301DS
SOT23
22
1 R1
RES
805
220K
22
1 R4
RES
805
220K
R4 only req'd for RS232 camera with USB test points
23
1 R2
RES
805
6R8
May be required for USB inrush protection
(Exact value not verified)
24
2 R9,R13
RES
805
100K
24
1 R3
RES
805
100K
R3 only required for Option 2.
24
1 R5
100K
R5 only req'd for RS232 camera with USB test points
24
1 R12
100K
R12 required for USB inrush protection
25
3 R10,R14, R16
RES
805
1M
25
2 R6,R23
1M
Only one of R6/R23 is required
26
1 R7
RES
805
470K
27
1 R8
RES
805
82K
28
1 R11
RES
805
430K
Suggested value for 6v battery
28
1 R11
RES
805
510K
Suggested value for 4.5v battery
Total (Page 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com