Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-DCA/VGA-E01 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STV-DCA/VGA-E01
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/VGA-E01 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STV-DCA/VGA-E01 Datasheet HTML 19Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 20Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 21Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 22Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 23Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 24Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 25Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 26Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 60 page
background image
STV0680A + VV6444/6410/6500
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
PRELIMINARY
CDSTV0680F-C
Commercial in confidence
23
STV0680F_contents.fm
5.
PC software
5.1
Driver support available
5.2
Demonstration software
The following is supplied with evaluation kits/demonstration units (This software is mainly for demonstration purposes and should
NOT be supplied as an end-user product.):
1. Simple demonstration software for uploading thumbnails and images.
2. Video demonstration application for STV0680-001 tethered “video” mode through USB (WIN 98 only) (NOT VfW compati-
ble). This is not required for STV0680A, which can be used with standard VfW drivers.
3. AVI creator software for uploading continuous images for creating ‘movie’ clips.
5.3
OEM software
OEM’s have the following options for productisation of a camera based on the chipset:
1. TWAIN driver for uploading images, this would allow the camera to be bundled with standard TWAIN compatible imaging
software.
2. Video for Windows driver for tethered video mode through USB (WIN 98 & WIN2K only). This would allow the camera to be
bundled with standard video for windows software.
3. Development of custom end-user software, including the ST colour process, developed under license using the SDK.
5.4
Software Development Kit (SDK)
5.4.1
General
A software development kit is supplied by ST under license agreement, which allows the OEM to develop a custom application
which can perform picture download, thumbnail display, and colour processing. This supports Windows95TM (Serial interface
only) or Windows98/Win2KTM (Serial or USB), and includes features such as:
•
Very fast download (through USB) and colour display of image thumbnails for picture selection
•
Download of full image once selected by user software
•
Colour processing of full image, using the ST colour process
•
Automatic detection and correction of sensor defects
The SDK is supplied by ST as a 32-bit DLL format, running on Windows 98/Win2KTM, and accessed through a documented
software interface. This provides the basis for developing a custom software application for stills and/or video.
The ST SDK for the chipset comprises the following:
•
Interface library containing all Application Programmer’s Interface (API) functions. Provided as C library and header files.
•
All driver files necessary for chosen communications link (supplied as DLL and SYS files).
•
Documentation of all API functions including example code fragments.
All software is built as 32-bit modules for Windows 98/Win2K. The serial communications link is also supported for Windows 95.
A development environment of Microsoft Visual C++ v5 or higher is assumed.
Interface type:
PC Operating system:
RS232
Win9x, WinNT4, Win2k
USB
Win98 and Win2k only
STV680-001
Not available
TWAIN
STV0680A-002
TWAIN
TWAIN, VfW
Table 8 : Driver choices
With STV0680, a simple video.exe application is provided. Whilst not being a VfW application, it gives
sufficient framerate to allow for camera test, lens focussing, etc.
! Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com