Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-DCA/VGA-E01 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV-DCA/VGA-E01
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/VGA-E01 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV-DCA/VGA-E01 Datasheet HTML 11Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 12Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 13Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 14Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 15Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 16Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 17Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 18Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
STV0680A + VV6444/6410/6500
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
PRELIMINARY
CDSTV0680F-C
Commercial in confidence
15
STV0680F_contents.fm
2.
RS232 receives start bit from host software (only if no USB detected)
3. USB connection detected
4. If in USB suspend mode, USB driver re-starts communications with the camera as per USB specification
3.2
‘Snapshot’ mode (in High or Low resolution)
3.2.1
Entering this mode
This is the default mode on wake-up when not tethered to the PC, i.e. pressing the Mode button while in standby mode, or
powering up the camera. On entering this mode, the current resolution (i.e. ‘Hr’ or ‘Lr’) is displayed briefly, and there is a brief
pause (approx. 1second) during which pictures cannot be taken. This is to allow the Auto-exposure and Gain control to settle.
The LCD then displays the number of pictures still available.
3.2.2
Description
Using the shutter button, ‘Snapshot’ mode allows single pictures to be grabbed using the capture button. The LCD displays the
number of pictures still available. Auto-exposure and gain are continuously enabled. The camera grabs an image when the
capture button is pressed, if sufficient light is available, the exposure and gain algorithm is settled, and picture counter has not
reached its maximum. Image data is stored in memory and picture counter is decremented.
3.2.3
Exiting this mode
After 30 seconds of non-activity, while not tethered to the PC, the camera goes into Standby mode.
3.3
‘Continuous Capture’ mode (in High or Low resolution)
3.3.1
Entering this mode
Enabled using the mode button (from ‘Snapshot’ mode, press once).
3.3.2
Description
The LCD displays “Ct”. Auto-exposure and gain are continuously enabled. While the shutter button is pressed, the user can
activate continuous capture at approx. 12.5 frames per second, to allow recording of a ‘video’ sequence, whether or not the
camera is tethered to the PC, and regardless of whether enough light is available. The picture counter is decremented once per
frame. The continuous image data is stored in memory and can then be downloaded to the PC. Once the memory is full, the user
is alerted by an audible tone. It is possible to store a mixture of still images and ‘Continuous’ images in memory.
3.3.3
Exiting this mode
After 5 seconds of non-activity, or after releasing the shutter button, the camera returns to standby mode.
3.4
Self-timer Mode (in High or Low resolution)
3.4.1
Entering this mode
Enabled using the mode button (from ‘Snapshot’ mode, press twice).
3.4.2
Description
The LCD displays “St”. Auto-exposure and gain are continuously enabled. When the shutter button is pressed, the camera counts
down 10 seconds, then grabs an image, if sufficient light available and exposure and gain algorithm settled, and picture counter
has not reached its maximum. Image data is stored in memory and picture counter is decremented.
3.4.3
Exiting this mode
After 5 seconds of non-activity, or after the timer has counted down 10 seconds, the camera returns to standby mode.
3.5
‘Clear camera’
3.5.1
Entering this mode
Enabled using the mode button (from ‘Snapshot’ mode, press three times).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com