Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-DCA/VGA-E01 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STV-DCA/VGA-E01
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/VGA-E01 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STV-DCA/VGA-E01 Datasheet HTML 30Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 31Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 32Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 33Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 34Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 35Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 36Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 37Page - STMicroelectronics STV-DCA/VGA-E01 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
PRELIMINARY
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
STV0680A + VV6444/6410/6500
CDSTV0680F-C
Commercial in confidence
34
STV0680F_contents.fm
8.
STV0680A Pin descriptions and Package Information
8.1
STV0680A Pin Listing
Pin no.
Signal
Type
Description
drive
Sensor Interface
69
SENSPWR
Output, active high
Power-up Sensor
2mA (SL)
68
SENSRST
Output, active low
Reset Sensor
2mA (SL)
60
SCL
Input/Output (OD,T)
Sensor serial interface
4mA (SL)
61
SDA
Input/Output (OD,T)
Sensor serial interface
4mA (SL)
62
SD3
Input (S,T)
Sensor data
63
SD2
Input (S,T)
Sensor data
64
SD1
Input (S,T)
Sensor data
65
SD0
Input (S,T)
Sensor data
66
QCLK
Input (S,T)
Qualification clock from sensor
67
SCLKO
Output
Clock output to sensor
4mA
GPIO (see note)
77
GPIO0 (MODE)
Debounced input
Push button (Wake-up/Mode)
8mA (SL)
76
GPIO1
(SHUTTER)
Debounced input
Push button (Shutter/Confirm)
8mA (SL)
75
GPIO2
IO (OD)
Not used (tie to GND with 0R link)
8mA (SL)
74
GPIO3 (50/60)
Debounced input
Link to select between 50Hz and 60Hz lighting
8mA (SL)
73
GPIO4
IO (OD)
Not used (tie to GND with 0R link)
8mA (SL)
72
GPIO5
Output (OD)
LED indicator
8mA (SL)
71
GPIO6
IO (OD)
Not used (tie to GND with 0R link)
8mA (SL)
70
GPIO7
IO (OD)
Not used (tie to GND with 0R link)
8mA (SL)
USB Interface
42
USBDETECT
Input (S)
Detect Power source from USB.
(For camera with RS232 only, this pin should be tied to GND)
USB speci-
fication
V1.1 com-
pliant I/O
43
DATA+
Input/Output
USB bus
(For camera with RS232 only, this pin should be connected to
test points to allow for USB production test (lens focussing))
44
DATA-
Input/Output
USB bus.
(For camera with RS232 only, this pin should be connected to
test points to allow for USB production test (lens focussing))
RS232 Interface
58
TXD
Output
Serial data transmit
(For camera with USB only, this pin should be tied to RXD)
4mA (SL)
59
RXD
Input (S)
Serial data receive
(For camera with USB only, this pin should be tied to TXD)
STV0680A Master Clocks and Reset
48
XIN
Input
Quartz Crystal IN
49
XOUT
Output
Quartz Crystal OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com