Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4960-1ACPZ-R2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4960-1ACPZ-R2
Description  5 GHz, Low Distortion lADC Driver/Line Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4960-1ACPZ-R2 Datasheet(HTML) 4 Page - Analog Devices

  ADA4960-1ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ADA4960-1
Data Sheet
Rev. A | Page 4 of 19
Parameter
Conditions
Min
Typ
Max
Unit
NOISE/HARMONIC PERFORMANCE
140 MHz
Second/Third Harmonic Distortion
A
V = 6 dB, VOUT = 0.9 V p-p
−91/−73
dBc
A
V = 12 dB, VOUT = 0.9 V p-p
−86/−73
dBc
A
V = 18 dB, VOUT = 0.9 V p-p
−82/−72
dBc
OIP3/IMD3
A
V = 6 dB, VOUT = 0.9 V p-p composite (2 MHz spacing)
+33.2/−79
dBm/dBc
A
V = 12 dB, VOUT = 0.9 V p-p composite (2 MHz spacing)
+33.4/−78
dBm/dBc
A
V = 18 dB, VOUT = 0.9 V p-p composite (2 MHz spacing)
+33.3/−78
dBm/dBc
Noise Spectral Density (RTI)
A
V = 6 dB
5.4
nV/√Hz
A
V = 12 dB
3.2
nV/√Hz
A
V = 18 dB
2.1
nV/√Hz
1 dB Compression Point (RTO)
A
V = 6 dB
12.0
dBm
A
V = 12 dB
12.0
dBm
A
V = 18 dB
11.9
dBm
250 MHz
Second/Third Harmonic Distortion
A
V = 6 dB, VOUT = 0.9 V p-p
−88/−69
dBc
A
V = 12 dB, VOUT = 0.9 V p-p
−81/−68
dBc
A
V = 18 dB, VOUT = 0.9 V p-p
−77/−68
dBc
OIP3/IMD3
A
V = 6 dB, VOUT = 0.9 V p-p composite (2 MHz spacing)
+32.5/−77
dBm/dBc
A
V = 12 dB, VOUT = 0.9 V p-p composite (2 MHz spacing)
+32.6/−77
dBm/dBc
A
V = 18 dB, VOUT = 0.9 V p-p composite (2 MHz spacing)
+32.1/−76
dBm/dBc
Noise Spectral Density (RTI)
A
V = 6 dB
5.4
nV/√Hz
A
V = 12 dB
3.1
nV/√Hz
A
V = 18 dB
2.0
nV/√Hz
1 dB Compression Point (RTO)
A
V = 6 dB
12.0
dBm
A
V = 12 dB
11.9
dBm
A
V = 18 dB
11.7
dBm
500 MHz
Second/Third Harmonic Distortion
A
V = 6 dB, VOUT = 0.9 V p-p
−77/−66
dBc
A
V = 12 dB, VOUT = 0.9 V p-p
−71/−66
dBc
A
V = 18 dB, VOUT = 0.9 V p-p
−68/−65
dBc
OIP3/IMD3
A
V = 6 dB, VOUT = 0.9 V p-p composite (2 MHz spacing)
+30.2/−72
dBm/dBc
A
V = 12 dB, VOUT = 0.9 V p-p composite (2 MHz spacing)
+29.9/−71
dBm/dBc
A
V = 18 dB, VOUT = 0.9 V p-p composite (2 MHz spacing)
+29.1/−70
dBm/dBc
Noise Spectral Density (RTI)
A
V = 6 dB
5.2
nV/√Hz
A
V = 12 dB
3.0
nV/√Hz
A
V = 18 dB
1.9
nV/√Hz
1 dB Compression Point (RTO)
A
V = 6 dB
11.6
dBm
A
V = 12 dB
11.4
dBm
A
V = 18 dB
11.0
dBm
750 MHz
Second/Third Harmonic Distortion
A
V = 6 dB, VOUT = 0.9 V p-p
−70/−68
dBc
A
V = 12 dB, VOUT = 0.9 V p-p
−67/−69
dBc
A
V = 18 dB, VOUT = 0.9 V p-p
−64/−69
dBc
OIP3/IMD3
A
V = 6 dB, VOUT = 0.9 V p-p composite (2 MHz spacing)
+28.3/−67
dBm/dBc
A
V = 12 dB, VOUT = 0.9 V p-p composite (2 MHz spacing)
+27.7/−67
dBm/dBc
A
V = 18 dB, VOUT = 0.9 V p-p composite (2 MHz spacing)
+26.9/−65
dBm/dBc
Noise Spectral Density (RTI)
A
V = 6 dB
5.0
nV/√Hz
A
V = 12 dB
3.0
nV/√Hz
A
V = 18 dB
1.8
nV/√Hz
1 dB Compression Point (RTO)
A
V = 6 dB
9.7
dBm
A
V = 12 dB
9.5
dBm
A
V = 18 dB
9.5
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com