Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4960-1ACPZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4960-1ACPZ-R2
Description  5 GHz, Low Distortion lADC Driver/Line Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4960-1ACPZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4960-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Data Sheet
ADA4960-1
Rev. A | Page 17 of 19
OVERDRIVE AND RECOVERY
When overdriven, the ADA4960-1 limits its outputs to 3.4 V
typical with no overshoot, as shown in Figure 42. This feature
protects the ADC from transients, eliminating the need for
additional external clamping at the inputs of the ADC.
4.0
3.5
3.0
2.5
2.0
1.5
1.0
–8
–6
–4
–2
0
2
4
6
8
10
12
14
TIME (ns)
VOUTP
VOUTN
Figure 42. Output Overdrive, VIN = 1 V p-p, AV =12 dB
Recovery from overdrive is 6.7 ns to 1%, 9.3 ns to 0.5%, and
12.6 ns to 0.25% of the final output voltage, see Figure 43.
0.096
0.072
0.048
0.024
0
–0.024
0
2
4
6
8
10
12
14
TIME (ns)
VOUTP – VOUTN
VOCM
0.5%
0.5%
0.25%
0.25%
1%
Figure 43. Output Overdrive Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com