Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4960-1ACPZ-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4960-1ACPZ-R2
Description  5 GHz, Low Distortion lADC Driver/Line Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4960-1ACPZ-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4960-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
ADA4960-1
Data Sheet
Rev. A | Page 18 of 19
LAYOUT, GROUNDING, AND BYPASSING
The ADA4960-1 is a high speed device. Realizing its superior
performance requires attention to the details of high speed
printed circuit board (PCB) design.
The first requirement is to use a multilayer PCB with solid ground
and power planes that cover as much of the board area as possible.
Bypass each power supply pin directly to a nearby ground plane, as
close to the device as possible. Use 0.1 µF high frequency ceramic
chip capacitors.
Provide low frequency bulk bypassing, using 10 µF tantalum
capacitors from each supply to ground.
Stray transmission line capacitance in combination with package
parasitics can potentially form a resonant circuit at high frequencies,
resulting in excessive gain peaking or possible oscillation.
Signal routing should be short and direct to avoid such parasitic
effects. Provide symmetrical layout for complementary signals
to maximize balanced performance.
Use radio frequency transmission lines to connect the driver
and receiver to the amplifier.
Minimize stray capacitance at the input/output pins by clearing
the underlying ground and low impedance planes near these pins.
If the driver/receiver is more than one-eighth of the wavelength
from the amplifier, the signal trace widths should be minimal.
This nontransmission line configuration requires the underlying
and adjacent ground and low impedance planes to be cleared
near the signal lines.
The exposed thermal paddle is internally connected to the ground
pin of the amplifier. Solder the paddle to the low impedance
ground plane on the PCB to ensure the specified electrical
performance and to provide thermal relief. To reduce thermal
impedance further, it is recommended that the ground planes
on all layers under the paddle be connected together with vias.
0.3mm DIAMETER VIAS
1.2mm
1.5mm
Figure 44. Recommended PCB Thermal Attach Pad
TOP METAL
GROUND PLANE
POWER PLANE
BOTTOM METAL
1.5mm
1.2mm
Figure 45. Cross-Section of a 4-Layer PCB Showing Thermal Via Connection to Buried Ground Plane



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com