Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4960-1ACPZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4960-1ACPZ-R2
Description  5 GHz, Low Distortion lADC Driver/Line Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4960-1ACPZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4960-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Data Sheet
ADA4960-1
Rev. A | Page 15 of 19
GAIN ADJUST
The gain of the ADA4960-1 is set with a single resistor, R
G,
connected across the IIP and IIN pins. Because the output
impedance is 150 Ω, the load affects the gain. The voltage
gain can be calculated for both differential and single-ended
inputs as follows:
(
)
G
L
L
V
R
R
R
A
+


+
=
35.5
150
150
4.7
where R
L and RG are the load and gain-setting resistors.
18
16
14
12
10
8
6
4
2
0
0
50
100
150
200
250
RG (Ω)
RL = 1kΩ
RL = 100Ω
RL = 500Ω
RL = 200Ω
Figure 34. AV vs. RG for RL = 100 Ω, RL = 200 Ω, RL = 500 Ω, and RL = 1 kΩ
Table 5. A
V vs. RG for RL = 100 Ω, RL = 200 Ω, RL = 500 Ω, and
R
L = 1 kΩ
A
V (dB)
R
G
R
L = 100 Ω
R
L = 200 Ω
R
L = 500 Ω
R
L = 1 kΩ
0
246
370
505
576
6
106
167
237
271
12
35.2
65.7
101
118
18
0
15.2
32.8
41.7
BANDWIDTH EXTENSION
The bandwidth of the ADA4960-1 can be extended for both
differential and single-ended input configurations by connecting
a capacitor, C
S, in parallel with the gain-setting resistor, RG, as
shown in Figure 35.
IIP
VIP
R1
25Ω
50Ω
R2
25Ω
0.1µF
5V
ETC1-1-13
ADA4960-1
0.1µF
0.1µF
0.1µF
AC
VOP
VON
IIN
VIN
RG
CS
RL
2
RL
2
Figure 35. ADA4960-1 with Bandwidth Extension
Figure 36 shows the bandwidth extension for 6 dB and 12 dB gains.
Figure 37 shows the recommended C
S values for most gains (dB).
14
12
10
8
6
4
2
0
10
100
1k
10k
FREQUENCY (MHz)
CS = 2.2pF
CS = 0.1pF
Figure 36. Bandwidth Extension for 6 dB and 12 dB Gains
14
12
10
8
6
4
2
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
CS (pF)
Figure 37. Recommended CS Values for Most Gains



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com