Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4960-1ACPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4960-1ACPZ-R2
Description  5 GHz, Low Distortion lADC Driver/Line Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4960-1ACPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4960-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Data Sheet
ADA4960-1
Rev. A | Page 9 of 19
40
35
30
25
20
100
200
300
400
500
FREQUENCY (MHz)
600
700
800
900
1000
AV = 18dB
AV = 12dB
AV = 6dB
Figure 11. OIP3 vs. Frequency at AV = 6 dB, AV = 12 dB, and AV = 18 dB,
VOUT = 0.45 V p-p/Tone, 2 MHz Spacing
20
25
30
35
40
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 12. OIP3 vs. Frequency at AV = 6 dB, TA = −40°C, TA = +25°C, and
TA = +85°C, VOUT = 0.45 V p-p/Tone, 2 MHz Spacing
–55
–60
–65
–70
–75
–80
–85
100
200
300
400
500
FREQUENCY (MHz)
600
700
800
900
1000
AV = 18dB
AV = 12dB
AV = 6dB
Figure 13. Two Tone IMD3 vs. Frequency, AV = 6 dB, AV = 12 dB, and AV = 18 dB,
VOUT = 0.9 V p-p/Tone, 2 MHz Spacing
–55
–60
–65
–70
–75
–80
–85
100
200
300
400
500
FREQUENCY (MHz)
600
700
800
900
1000
TA = +85°C
TA = +25°C
TA = –40°C
Figure 14. Two Tone IMD3 vs. Frequency at TA = −40°C, TA = +25°C, and
TA = +85°C, AV = 6 dB, VOUT = 0.45 V p-p/Tone, 2 MHz Spacing
100
200
300
400
500
600
700
800
900
1000
–95
–90
–85
–80
–75
–70
–65
–60
FREQUENCY (MHz)
AV = 18dB
AV = 12dB
AV = 6dB
Figure 15. HD2 vs. Frequency at AV = 6 dB, AV = 12 dB, and AV = 18 dB,
VOUT = 0.9 V p-p
–60
–65
–70
–75
–80
–85
–90
100
200
300
400
500
FREQUENCY (MHz)
600
700
800
900
1000
AV = 18dB
AV = 12dB
AV = 6dB
Figure 16. HD3 vs. Frequency at AV = 6 dB, AV = 12 dB, and AV = 18 dB,
VOUT = 0.9 V p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com