Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4960-1ACPZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4960-1ACPZ-R2
Description  5 GHz, Low Distortion lADC Driver/Line Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4960-1ACPZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4960-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
ADA4960-1
Data Sheet
Rev. A | Page 10 of 19
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
–100
–95
–90
–85
–80
–75
–70
–65
–60
TA = +85°C
TA = +25°C
TA = –40°C
SECOND HARMONIC DISTORTION
THIRD HARMONIC DISTORTION
Figure 17. HD2 and HD3 vs. Frequency at TA = −40°C, +25°C, +85°C,
AV = 6 dB, VOUT = 0.9 V p-p
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
2
4
6
8
10
12
14
16
18
20
TIME (ns)
Figure 18. Large Signal Pulse Response, AV = 18 dB
–30
–40
–50
–60
–70
–80
–90
–100
0.5
1.0
1.5
2.0
2.5
3.0
VOCM (V)
f = 140MHz
f = 250MHz
f = 500MHz
f = 750MHz
f = 1GHz
Figure 19. HD2 vs. VOCM, AV = 6 dB, VOUT = 0.9 V p-p,
f = 140 MHz, f = 250 MHz, f = 500 MHz, f = 750 MHz, f = 1 GHz
70
60
50
40
30
20
10
0
0.01
0.1
1
10
FREQUENCY (GHz)
Figure 20. CMRR vs. Frequency, AV = 6 dB, VOUT = 0.9 V p-p
–50
–55
–60
–65
–70
–75
–80
–85
100
200
300
400
500
FREQUENCY (MHz)
600
700
800
900
1000
HD3
HD2
Figure 21. HD2/HD3 vs. Frequency, Single-Ended Input,
AV = 6 dB, VOUT = 0.9 V p-p
–30
–40
–50
–60
–70
–80
–90
–100
0.5
1.0
1.5
2.0
2.5
3.0
VOCM (V)
f = 140MHz
f = 250MHz
f = 500MHz
f = 750MHz
f = 1GHz
Figure 22. HD3 vs. VOCM, AV = 6 dB, VOUT = 0.9 V p-p,
f = 140 MHz, f = 250 MHz, f = 500 MHz, f = 750 MHz, f = 1 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com