Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4960-1ACPZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4960-1ACPZ-R2
Description  5 GHz, Low Distortion lADC Driver/Line Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4960-1ACPZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADA4960-1ACPZ-R2 Datasheet HTML 1Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 2Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 3Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 4Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADA4960-1ACPZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
5 GHz, Low Distortion
ADC Driver/Line Driver
Data Sheet
ADA4960-1
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevices for itsuse,nor foranyinfringementsofpatentsor other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
−3 dB bandwidth of 5 GHz (A
V = 6 dB)
Single resistor programmable gain: 0 dB to 18 dB
Differential or single-ended input to differential output
Low harmonic distortion (HD2/HD3 @ A
V = 6 dB)
−88/−69 dBc @ 250 MHz
−77/−66 dBc @ 500 MHz
−73/−72 dBc @ 1 GHz
IMD3 @ 1 GHz = −63 dBc
Slew rate
8700 V/µs (A
V = 6 dB, 2 V step)
6600 V/μs (A
V = 18 dB, 2 V step)
Fast settling: 1 ns to 1%, 1.4 ns to 0.1%
Fast overdrive recovery: 6.7 ns to 1%, 9.3 ns to 0.5%
Single-supply operation: 5 V
0.1 dB gain flatness to 300 MHz
DC level translation
Available in 16-lead LFCSP
APPLICATIONS
Differential ADC drivers for giga-sample ADCs
GBPS line drivers with pre-emphasis
High speed data acquisition
Electronic surveillance countermeasures
Pulse capture and conditioning
Oscilloscopes
Satellite communications
Single-ended-to-differential converters
RF/IF gain blocks
FUNCTIONAL BLOCK DIAGRAM
IIP
VIP
PD
VCC
VOCM
VOP
VON
GND
IIN
VIN
RG
BIAS CELL
ADA4960-1
Figure 1.
1.2
1.0
0.8
0.6
0.4
0.2
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
0
–0.2
0
0.2
AV = 6dB
AV = 18dB
0.4
0.6
0.8
1.0
TIME (ns)
80%
20%
AV = 12dB
AV (dB)
SLEW RATE (V/µs)
8700
7700
6
12
18
6600
Figure 2. Rise Time, VOUT = 2 V p-p, TA = 25°C,
For AV = 6 dB, AV = 12 dB, and AV = 18 dB
GENERAL DESCRIPTION
The ADA4960-1 is a high performance, differential amplifier
optimized for RF and IF applications. It achieves better than 63 dB
IMD3 performance for frequencies up to and beyond 1 GHz,
making it an ideal driver for 8-bit to 10-bit giga-sample analog-
to-digital converters (ADCs).
The buffered inputs of the ADA4960-1 isolate the gain-setting
resistor (R
G) from the signal inputs, maintaining a constant 10 kΩ
input resistance, easing matching and input drive requirements.
The ADA4960-1 has a nominal 150 Ω differential output impedance.
The ADA4960-1 is optimized for wideband, low distortion
performance for frequencies up to and beyond 1 GHz. These
attributes, together with its adjustable gain capability, make this
device the amplifier of choice for general-purpose IF and broad-
band applications where low distortion, noise, and power are critical.
The device is optimized for the best combination of slew rate,
bandwidth, and broadband distortion. These attributes allow it
to drive a wide variety of ADCs. It is ideally suited for driving
mixers, pin diode attenuators, SAW filters, and multi-element
discrete devices.
The user accessible gain adjust and bandwidth extension features
allow configuration of the ADA4960-1 for line driver and
channel equalization applications.
The quiescent current of the ADA4960-1 is typically 60 mA. When
disabled, it consumes less than 3 mA, offering excellent input-to-
output isolation.
Fabricated on an Analog Devices, Inc., high speed SiGe process,
the ADA4960-1 is available in a compact 3 mm × 3 mm, 16-lead
LFCSP. It operates over the temperature range of −40°C to +85°C.


Similar Part No. - ADA4960-1ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4960-1ACPZ-R2 AD-ADA4960-1ACPZ-R2 Datasheet
420Kb / 21P
5 GHz, Low Distortion ADC Driver/Line Driver
Rev. 0
More results

Similar Description - ADA4960-1ACPZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
534Kb / 16P
Low Distortion Differential ADC Driver
3/03-Data Sheet changed from REV. D to REV. E.
logo
Fairchild Semiconductor
KH561 FAIRCHILD-KH561 Datasheet
182Kb / 13P
Wideband, Low Distortion Driver Amplifier
logo
National Semiconductor ...
CLC561 NSC-CLC561 Datasheet
830Kb / 16P
Wideband, Low Distortion DriveR-Amps
logo
Intersil Corporation
LMH6555 INTERSIL-LMH6555 Datasheet
664Kb / 24P
Low Distortion 1.2 GHz Differential Driver
December 3, 2007
logo
Cadeka Microcircuits LL...
KH560 CADEKA-KH560 Datasheet
354Kb / 13P
Wideband, Low Distortion Driver Amplifier
KH563 CADEKA-KH563 Datasheet
265Kb / 13P
Wideband, Low Distortion Driver Amplifier
logo
Texas Instruments
LMH6555 TI1-LMH6555_14 Datasheet
1Mb / 37P
LMH6555 Low Distortion 1.2 GHz Differential Driver
logo
Analog Devices
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
Low Distortion Differential ADC Driver
Rev. F
logo
Texas Instruments
LMH6555 TI1-LMH6555 Datasheet
1Mb / 40P
LMH6555 Low Distortion 1.2 GHz Differential Driver
logo
Analog Devices
ADA4960-1 AD-ADA4960-1_16 Datasheet
420Kb / 21P
5 GHz, Low Distortion ADC Driver/Line Driver
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com