Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6636BBCZ1 Datasheet(PDF) 53 Page - Analog Devices

Part # AD6636BBCZ1
Description  150 MSPS Wideband Digital Down-Converter (DDC)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6636BBCZ1 Datasheet(HTML) 53 Page - Analog Devices

Back Button AD6636BBCZ1 Datasheet HTML 49Page - Analog Devices AD6636BBCZ1 Datasheet HTML 50Page - Analog Devices AD6636BBCZ1 Datasheet HTML 51Page - Analog Devices AD6636BBCZ1 Datasheet HTML 52Page - Analog Devices AD6636BBCZ1 Datasheet HTML 53Page - Analog Devices AD6636BBCZ1 Datasheet HTML 54Page - Analog Devices AD6636BBCZ1 Datasheet HTML 55Page - Analog Devices AD6636BBCZ1 Datasheet HTML 56Page - Analog Devices AD6636BBCZ1 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 72 page
background image
AD6636
Rev. 0 | Page 53 of 72
The chip select (CS) is an active-low input that signals when an
access is active on its programming port pins. When the
read/write cycle is complete, the AD6636 drives DTACK low.
The DTACK signal goes high again after either the CS or DS
signal is driven high. Because the DTACK pin is an open-drain
output with a weak internal pull-up resistor (70 kΩ), an external
pull-up resistor is recommended (see Figure 50). Figure 15 and
Figure 16 are the timing diagrams for read and write cycles
using the microport in MNM mode.
For an asynchronous write operation on the Motorola mode
microport, the CPUCLK should be running. Set up the data and
address buses. Pull the R/W and DS signals low and then pull
the CS signal low. The DTACK goes low after a few clock cycles
to indicate that the write access is complete and that CS can be
pulled high to disable the microport. For an asynchronous read
operation on the Motorola mode microport, set up the address
bus and three-state the data bus. Pull the RD signal low and
then pull the CS signal low. The DTACK goes low after a few
clock cycles to indicate that valid data is on the data bus.
Accessing Multiple AD6636 Devices
If multiple AD6636 devices are on a single board, the microport
pins for these devices can be shared. In this configuration, a
single programming device (DSP, FPGA, or microcontroller)
can program all AD6636 devices connected to it.
Each AD6636 has four CHIPID pins that can be connected in
16 different ways. During a write/read access, the internal
circuitry checks to see if the CHIPID bits in the chip I/O access
control register (Address 0x02) are the same as the logic levels
of the CHIPID pins (hardwired to the part). If the CHIPID bits
and the CHIPID pins have the same value, then a write/read
access is completed; otherwise, the access is ignored.
To program multiple devices using the same microport control
and data buses, the devices should have separate CHIPID pin
configurations. A write/read access can be made only on the
intended chip; all other chips would ignore the access.
JTAG BOUNDARY SCAN
The AD6636 supports a subset of the IEEE Standard 1149.1
specification. For details of the standard, see the IEEE Standard
Test Access Port and Boundary-Scan Architecture, an IEEE-1149
publication.
The AD6636 has five pins associated with the JTAG interface.
These pins, listed in Table 27, are used to access the on-chip test
access port. All input JTAG pins are pull-up except for TCLK,
which is pull-down.
Table 27. Boundary Scan Test Pins
Name
Description
TRST
Test Access Port Reset
TCLK
Test Clock
TMS
Test Access Port Mode Select
TDI
Test Data Input
TDO
Test Data Output
The AD6636 supports three op codes, listed in Table 28. These
instructions set the mode of the JTAG interface.
Table 28. Boundary Scan Op Codes
Instruction
Op Code
BYPASS
11
SAMPLE/PRELOAD
01
EXTEST
00
A BSDL file for this device is available. Contact Analog Devices
Inc. for more information.
EXTEST (2'b00)
Places the IC into an external boundary-test mode and selects
the boundary-scan register to be connected between TDI and
TDO. During this operation, the boundary-scan register is
accessed to drive-test data off-chip via boundary outputs and
receive test data off-chip from boundary inputs.
SAMPLE/PRELOAD (2'b01)
Allows the IC to remain in normal functional mode and selects
the boundary-scan register to be connected between TDI and
TDO. The boundary-scan register can be accessed by a scan
operation to take a sample of the functional data entering and
leaving the IC. Also, test data can be preloaded into the
boundary scan register before an EXTEST instruction.
BYPASS (2'b11)
Allows the IC to remain in normal functional mode and selects
a 1-bit bypass register between TDI and TDO. During this
instruction, serial data is transferred from TDI to TDO without
affecting operation of the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com